Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZP-092D Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SZP-092D
Description  NPT Pole Bracket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SZP-092D Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SZP-092D Datasheet HTML 1Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[1.General Specifications]
[2.Outer Dimensions]
[mm]
Material: PC
Color: Off Dark Gray
1/2"NPT Pole
Refer to the [2.Outer Dimensions]
SZP-092D
Indoor
Mounting Direction
Upright
Mass (Tolerance ±10%)
0.023kg
Product Name
NPT Pole Bracket
Model
Remarks
There are no contents of controlled substances exceeding the threshold for the RoHS Directive.
Outer Dimensions
Applicable Pole
Mounting Location
SPECIFICATIONS
図番
改訂
ページ
A
NE-24A / NE-M1A
Mounting Hole
NE-IL Mounting Hole
1/2''NPT
1 / 1
SZP-092D-W18


Similar Part No. - SZP-092D

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
SZP-001K PATLITE-SZP-001K Datasheet
286Kb / 2P
Circular Bracket
Rev. D
SZP-001U PATLITE-SZP-001U Datasheet
286Kb / 2P
Circular Bracket
Rev. D
SZP-001W PATLITE-SZP-001W Datasheet
286Kb / 2P
Circular Bracket
Rev. D
SZP-002U PATLITE-SZP-002U Datasheet
124Kb / 2P
Circular Bracket
SZP-003K PATLITE-SZP-003K Datasheet
148Kb / 2P
Pole
More results

Similar Description - SZP-092D

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CM-1223 BUD-CM-1223 Datasheet
47Kb / 1P
CABLE BRACKET
CSB-1351 BUD-CSB-1351 Datasheet
38Kb / 1P
ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
BPM-22260 BUD-BPM-22260 Datasheet
25Kb / 1P
UNIVERSAL POLE MOUNT BRACKET KIT SMALL SIZE BOXES
logo
List of Unclassifed Man...
1564 ETC2-1564 Datasheet
211Kb / 1P
BOARD BRACKET
615 ETC2-615 Datasheet
177Kb / 1P
BRACKET
logo
Molex Electronics Ltd.
1200700170 MOLEX-1200700170 Datasheet
35Kb / 1P
Micro-Change (M12) 4 Pole, 1/2" - 14 NPT Mounting Thread
1200700175 MOLEX-1200700175 Datasheet
30Kb / 1P
Micro-Change (M12) Receptacle, 4 Pole, 1/2" - 14 NPT Threads, Male
1200700246 MOLEX-1200700246 Datasheet
35Kb / 1P
Micro-Change (M12) 5 Pole, 1/2" - 14 NPT Mounting Thread, Receptacle
logo
WAGO Kontakttechnik Gmb...
858-110 WAGO-858-110 Datasheet
90Kb / 3P
Mounting bracket
logo
List of Unclassifed Man...
555-13885 ETC-555-13885 Datasheet
88Kb / 1P
Wall Mount Speaker Bracket for 35mm Pole Mount Speakers
03/01/19 V1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com