Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL15-M1KT-R Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # SL15-M1KT-R
Description  Flashing Beacons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SL15-M1KT-R Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  SL15-M1KT-R Datasheet HTML 1Page - PATLITE CORPORATION. SL15-M1KT-R Datasheet HTML 2Page - PATLITE CORPORATION. SL15-M1KT-R Datasheet HTML 3Page - PATLITE CORPORATION. SL15-M1KT-R Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
[2.Model Number Configuration]
■
Rated Voltage
■
Installation • Wiring
■
LED Unit Color
:
12-24V DC
J : 3-screw Mounting・Cabtyre Cord
R : Red
:
100-240V AC
:
2-point Hole Type Mounting・Terminal Block
Y : Amber
G : Green
B : Blue
[mm]
Applicable Wire Size Solid Wire : 0.13-1.5mm2 ,
Stranded Wire : AWG28-14
Material ・ Specification
- M
N -
K
Terminal Block
[3.Outer Dimensions]
M2
6
Waterproof Sheet
Silicone
5
Mounting Bracket
Globe
PC
LCP GF,
4
Drawing No.
Rev.
Page
SL15-M1JN-
W18
G
R
M1
T
S L 1
KT
5
1
Number
Name
PC
UL2464, PVC, M1JN : AWG22×5, M2JN : AWG18×2+AWG24×3
3
Cabtyre Cord
1
2
Case
PC
■
SL15-M1JN/SL15-M2JN
■
SL15-M1KTN/SL15-M2KTN
・
Maximum Board Thickness:10
Plain Washer(M8)
Nut(M8)
SUS
SUS
3 pcs.
3 pcs.
Accessory(Only SL15-M□JN)
Screw Hole Thickness
of Mounting Bracket
Nominal
Diameter
4.8
M8
φ
150
φ
150
From the cord outlet 500±30
3-M8
(SUS)
Nameplate
Nameplate
φ
7.7
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com