Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZP-101 Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SZP-101
Description  Upper Bracket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SZP-101 Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SZP-101 Datasheet HTML 1Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[1.General Specifications]
[2.Outer Dimension Drawing]
SF10-M□JN/SL10-M□JN
SKH-M□J□/SKH-M□T□
IP65
SZP-101
Drawing No.
Rev.
B
Page
Applicable Models
SF10-M□KT□
SF10-M□JN
SPECIFICATIONS
Protection Rating
Product Name
Upper Bracket
Model
Mounting Direction
SL10-M□KT□
SL10-M□JN
Remarks
There are no contents of controlled substances exceeding the threshold for the RoHS Directive.
Upright
Mass(Typ.)
SKH-M□J□
SKH-M□T□
IP65
(With product attachment)
Please refer to our website for Corresponding Pole options. (https://www.patlite.com)
0.08kg(Accessory Remove)
Environmental Condition
Corresponding Pole
Upright
SF10-M□JN/SL10-M□JN
SKH-M□J□/SKH-M□T□
IP20
(With product attachment)
SF10-M□KT□/SL10-M□KT□
(when used with product and
SZW-103 Rubber Gasket
attachment)
0
Product Mounting Hole 2 Places
SF10-M□KT□/SL10-M□KT□
[mm]
No.
Name
Material
1
Upper Bracket
PC
①
Material
Silicone
PUR
Accessory
Pole waterproof sheet 1 pcs.
Waterproof sheet t = 2.0 1 pcs.
Pole Mounting Hole 2 Places
Product Mounting Hole 3 Places
SF10-M□JN/SL10-M□JN
SKH-M□J□/SKH-M□T□
Cord Exit Hole
Pole
1 / 1
SZP-101-W18


Similar Part No. - SZP-101

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
SZP-102 PATLITE-SZP-102 Datasheet
567Kb / 3P
NPT Bracket
Rev. C
SZP-103 PATLITE-SZP-103 Datasheet
567Kb / 3P
NPT Bracket
Rev. C
SZP-104 PATLITE-SZP-104 Datasheet
567Kb / 3P
NPT Bracket
Rev. C
More results

Similar Description - SZP-101

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
A77-AB SYSTEMSENSOR-A77-AB Datasheet
290Kb / 2P
Adapter Bracket
logo
Bud Industries, Inc.
CM-1223 BUD-CM-1223 Datasheet
47Kb / 1P
CABLE BRACKET
CSB-1351 BUD-CSB-1351 Datasheet
38Kb / 1P
ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
logo
List of Unclassifed Man...
1564 ETC2-1564 Datasheet
211Kb / 1P
BOARD BRACKET
615 ETC2-615 Datasheet
177Kb / 1P
BRACKET
logo
Bud Industries, Inc.
RC-7758-PR BUD-RC-7758-PR Datasheet
90Kb / 1P
ADAPTER BRACKET
logo
Panasonic Semiconductor
ET-PKD120B PANASONIC-ET-PKD120B Datasheet
25Kb / 1P
Bracket assembly
logo
Lumins Inc.
EC810 LUMINIS-EC810 Datasheet
351Kb / 4P
Cast aluminum upper electrical housing
logo
WAGO Kontakttechnik Gmb...
858-110 WAGO-858-110 Datasheet
90Kb / 3P
Mounting bracket
logo
Festo Corporation.
2721419 FESTO-2721419 Datasheet
66Kb / 1P
Mounting bracket
7/21/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com