Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZP-103 Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SZP-103
Description  NPT Bracket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SZP-103 Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SZP-103 Datasheet HTML 1Page - PATLITE CORPORATION. SZP-103 Datasheet HTML 2Page - PATLITE CORPORATION. SZP-103 Datasheet HTML 3Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
[1.General Specifications]
[2.Model Number Configuration]
[3.Outer Dimension Drawing]
Remarks
There are no contents of controlled substances exceeding the threshold for the RoHS Directive.
Mass (Typ.)
SZP-102
SZP-103
SZP-104
0.36kg
0.57kg
1.32kg
Protection Rating
Mounting Direction
Upright
Product Name
NPT Bracket
Model
SZP-102/SZP-103/SZP-104
SPECIFICATIONS
Drawing No.
Rev.
SZP-102-W18
C
Page
IP20(With product attachment)
Upright
Environmental Condition
[mm]
No.
Name
Material
1
NPT Bracket
AL
3.1 SZP-102
①
Model
NPT Bracket
SZP
-
Applicable Models
102
104
⇩
Applicable Models
SL15-M□KTN/SL15-M□JN/SKP-M□J
SF08-M□KT□/SL08-M□KT□/SF08-M□JN/SL08-M□JN/SKS-M□J
103
SF10-M□KT□/SL10-M□KT□/SF10-M□JN/SL10-M□JN/SKH-M□J□/SKH-M□T□
LR10-□□WJ□W
1/3


Similar Part No. - SZP-103

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
SZP-101 PATLITE-SZP-101 Datasheet
320Kb / 1P
Upper Bracket
Rev. B
More results

Similar Description - SZP-103

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
A77-AB SYSTEMSENSOR-A77-AB Datasheet
290Kb / 2P
Adapter Bracket
logo
Bud Industries, Inc.
CM-1223 BUD-CM-1223 Datasheet
47Kb / 1P
CABLE BRACKET
CSB-1351 BUD-CSB-1351 Datasheet
38Kb / 1P
ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
logo
Tyco Electronics
2-1106066-8 MACOM-2-1106066-8 Datasheet
32Kb / 1P
Adapter PG/NPT Ubergangsstuck PG/NPT
logo
List of Unclassifed Man...
1564 ETC2-1564 Datasheet
211Kb / 1P
BOARD BRACKET
615 ETC2-615 Datasheet
177Kb / 1P
BRACKET
logo
Bud Industries, Inc.
RC-7758-PR BUD-RC-7758-PR Datasheet
90Kb / 1P
ADAPTER BRACKET
logo
Panasonic Semiconductor
ET-PKD120B PANASONIC-ET-PKD120B Datasheet
25Kb / 1P
Bracket assembly
logo
WAGO Kontakttechnik Gmb...
858-110 WAGO-858-110 Datasheet
90Kb / 3P
Mounting bracket
logo
Festo Corporation.
2721419 FESTO-2721419 Datasheet
66Kb / 1P
Mounting bracket
7/21/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com