Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1 Datasheet(PDF) 2 Page - Bogen Communications LLC

Part # ADP1
Description  Analog Door Phone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

ADP1 Datasheet(HTML) 2 Page - Bogen Communications LLC

  ADP1 Datasheet HTML 1Page - Bogen Communications LLC ADP1 Datasheet HTML 2Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Analog door phone shall be a Bogen Model ADP1.
The door phone shall be telephone line powered
(18V DC / 20 mA minimum), answer a ring voltage of
40V AC RMS minimum, and have a ringer equivalence
number of 0.7A.
Connection shall be made via a 2-position pluggable
terminal block that is pre-wired to an RJ11 connector.
The ADP1 shall include controls for adjusting
microphone level, speaker volume, and call timer
duration.
The call timer shall be jumper defeatable.
The ADP1 shall include an auto answer feature.
The unit shall include a vandal-resistant brushed
stainless steel face plate with mounting gasket and
heavy-duty call button and a plastic cone speaker
with puncture-resistant, protective screen.
The ADP1 shall measure 5" W x 5" H x 13/4" D when
fully assembled without the bezel and 61/4" W x 61/4"
H x 13/4" D fully assembled with the bezel. It shall
weigh 4 lb. The ADP1 shall fit into most indoor and
outdoor dual gang electrical boxes with a minimum
clearance of 45/8" W x 45/8" H x 2" D.
Architect and
Engineer
Specifications
www.bogen.com
Technical
Specifications
Power:
Telephone line powered (18V DC / 20 mA minimum)
Timer Duration:
1
5 seconds to 2 minutes
Forward Disconnect:
300 ms minimum loop current loss
Ring Voltage:
40V AC RMS minimum
REN:
0.7A
Connections:
2-position pluggable terminal block
Earth Ground lug
Dimensions:
5" W x 5" H x 13/4" D (unit dimensions without bezel)
61/4" W x 61/4" H x 13/4" D (unit dimensions with bezel)
45/8" W x 45/8" H x 2" D (min. gang box opening clearance)
Product Weight:
4 lb.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com