Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFI-2S2 Datasheet(PDF) 2 Page - Bogen Communications LLC

Part # AFI-2S2
Description  Contractor Series Loudspeaker System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

AFI-2S2 Datasheet(HTML) 2 Page - Bogen Communications LLC

  AFI-2S2 Datasheet HTML 1Page - Bogen Communications LLC AFI-2S2 Datasheet HTML 2Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2006 Bogen Communications, Inc. 1710
Specifications subject to change without notice. 55-0063-01E
Polar Measurements AFI-2s2 (6 dB/division, normalized)
Frequency Response AFI-2s2
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
63 Hz
125 Hz
250 Hz
500 Hz
1,000 Hz
2,000 Hz
4,000 Hz
8,000 Hz
16,000 Hz
Measured in a free-field anechoic environment using a swept one-third octave input.
All polar measurements obtained in a free-
field environment at 10° increments.
Dimensional Drawings AFI-2s2 (dimensions in inches and millimeters)
Processor Notes:
The AFI Controller consists of an analog Main Frame which accepts four voicing
modules. Modules are available for each of the different AFI loudspeaker
types, with two module bays required for bi-amplified speakers.
The DLC24 Digital Loudspeaker Controller is a digital engine with an analog
surface. It combines the most advanced technology available with intuitive
interfaces to provide the key elements that ensure optimal loudspeaker
system performance and management in a variety of live sound and fixed
installation applications.
The controllers provide factory-set equalization curves to smooth the
response, protective limiting, and active crossovers (for bi-amplified models
and subwoofers). Barrier strip inputs and outputs are standard on the
AFI Controller.
Hz (Frequency)
www.
bogen.com.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com