Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFI-9 Datasheet(PDF) 2 Page - Bogen Communications LLC

Part # AFI-9
Description  Arrayable Loudspeaker System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

AFI-9 Datasheet(HTML) 2 Page - Bogen Communications LLC

  AFI-9 Datasheet HTML 1Page - Bogen Communications LLC AFI-9 Datasheet HTML 2Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2017 Bogen Communications, Inc. 1710
Specifications subject to change without notice. 55-0058-01F
62.5 Hz
125 Hz
250 Hz
500 Hz
1,000 Hz
2,000 Hz
4,000 Hz
8,000 Hz
16,000 Hz
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
Measured in a free-field anechoic environment using a swept one-third octave input.
Polar Measurements AFI-9 (6 dB/division, normalized)
Dimensional Drawings AFI-9 (dimensions in inches and millimeters)
All polar measurements obtained in a free-field environment at 10° increments.
Frequency Response AFI-9
TM
Model Number
Model Number
Serial Number
Serial Number
Processor Notes:
The DLC24 Digital Loudspeaker Controller is a digital engine with an analog surface. It
combines the most advanced technology available with intuitive interfaces to provide the
key elements that ensure optimal loudspeaker system performance and management in a
variety of live sound and fixed installation applications.
The controller provides factory-set equalization curves to smooth the response and add
protective limiting, as well as active crossovers (for bi-amplified models and subwoofers).
XLR inputs and outputs are standard on the DLC-24.
Hz (Frequency)
www.
bogen.com.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com