Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK106-RX-C470 Datasheet(PDF) 2 Page - NiceRF Wireless Technology Co., Ltd.

Part # SK106-RX-C470
Description  1W industrial Four Channels
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SK106-RX-C470 Datasheet(HTML) 2 Page - NiceRF Wireless Technology Co., Ltd.

  SK106-RX-C470 Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SK106-RX-C470 Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.nicerf.com
SK106
NiceRF Wireless Technology Co., Ltd.
Rev 1.5
ales@nicerf.com
2
Catalogue
1. Overvie ...............................................................................................................................................................................3
2. Features..............................................................................................................................................................................3
3. Applications....................................................................................................................................................................... 3
4. Block Diagram...................................................................................................................................................................4
5. Electrical Characteristics................................................................................................................................................... 5
6. Interface Definition ............................................................................................................................................................6
7. DIP Definition ....................................................................................................................................................................7
8. Working Mode ................................................................................................................................................................... 8
1)Real-Time Mode .................................................................................................................................................................8
2) Timing Mode ..................................................................................................................................................................... 9
3)Real-Time+4 second Timing Mode ....................................................................................................................................9
4)Calibration Mode ................................................................................................................................................................9
5)Configuration mode ..........................................................................................................................................................10
9.Application connection.....................................................................................................................................................12
10. Pin definition ................................................................................................................................................................. 12
11. Wiring Diagram For General Applications....................................................................................................................14
12. Accessories.....................................................................................................................................................................15
13. Mechanical Measurement(Unit:mm).................................................................................................................... 16
14. Order Information ..........................................................................................................................................................17
15 FAQ.................................................................................................................................................................................17
Note: Revision History
Revision
Date
Comment
V1.0
2018-1
First release
V1.1
2018-8
Revised some parameters and PC
V1.2
2019-10
Add Circuit Diagram
V1.3
2020-7
Modify Block Diagram
V1.4
2020-11
Update description
V1.5
2025-02
Update frequency band and other information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com