Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP201 Datasheet(PDF) 4 Page - NiceRF Wireless Technology Co., Ltd.

Part # STP201
Description  3D PEDOMETER CHIPSET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

STP201 Datasheet(HTML) 4 Page - NiceRF Wireless Technology Co., Ltd.

  STP201 Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. STP201 Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. STP201 Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. STP201 Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. STP201 Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. STP201 Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. STP201 Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. STP201 Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.nicerf.cn
STP201
NiceRF Wireless Technology Co., Ltd.
Rev 2.0
sales@nicerf.com
- 4 -
5. Typical application circuit:
6. Working mode:
1) Normal work
When detected step action, module will enter normal working mode, users can read the step value by
I2C interface. The I2C communication protocol is as below:
DATA0:step lower byte
DATA1:step high byte
DATA2:= DATA0 + DATA1
DATA3:= DATA2
When the steps overflow(0xFFFF), it count from 0.
The steps will be cleared when DATA3 is read.
Note: All the bytes are hexadecimal
2) Sleeping mode
The chipset will enter normal working mode when step action is detected, and enter sleeping mode if
no step action is detected for 20s. In sleep mode the G sensor doesn’t work, the MCU will enter deep
sleeping mode and the whole is in low power consumption.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com