Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-RMW6T/A Datasheet(PDF) 23 Page - STMicroelectronics

Part # M95256-RMW6T/A
Description  256 Kbit Serial SPI bus EEPROM with high speed clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-RMW6T/A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M95256-RMW6T/A Datasheet HTML 19Page - STMicroelectronics M95256-RMW6T/A Datasheet HTML 20Page - STMicroelectronics M95256-RMW6T/A Datasheet HTML 21Page - STMicroelectronics M95256-RMW6T/A Datasheet HTML 22Page - STMicroelectronics M95256-RMW6T/A Datasheet HTML 23Page - STMicroelectronics M95256-RMW6T/A Datasheet HTML 24Page - STMicroelectronics M95256-RMW6T/A Datasheet HTML 25Page - STMicroelectronics M95256-RMW6T/A Datasheet HTML 26Page - STMicroelectronics M95256-RMW6T/A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
23/39
M95256, M95128
Table 11. AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data out is no longer driven.
Figure 15. AC Measurement I/O Waveform
Table 12. Capacitance
Note: Sampled only, not 100% tested, at TA=25°C and a frequency of 5 MHz.
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
100
pF
Input Rise and Fall Times
50
ns
Input Pulse Voltages
0.2VCC to 0.8VCC
V
Input and Output Timing Reference Voltages
0.3VCC to 0.7VCC
V
Symbol
Parameter
Test Condition
Min.
Max.
Unit
COUT
Output Capacitance (Q)
VOUT = 0V
8
pF
CIN
Input Capacitance (D)
VIN = 0V
8
pF
Input Capacitance (other pins)
VIN = 0V
6
pF
AI00825B
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com