Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFV-100F Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # RFV-100F
Description  LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

RFV-100F Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  RFV-100F Datasheet HTML 1Page - PATLITE CORPORATION. RFV-100F Datasheet HTML 2Page - PATLITE CORPORATION. RFV-100F Datasheet HTML 3Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
①Rated Voltage
② Dome Color
24: 24V DC
R:Red
100:100V AC
Y:Yellow
220:220V AC
G:Green
B:Blue
~Caution on copyright~
If a work that was recorded or copied from music CDs or other media is
used at public places, law enforcement for copyright infringement may be
imposed. When using a work that was recorded or copied from music
CDs or other media, be sure to obtain permission from the author.
In addition, the copyright of audio/music data which are distributed or
sold by PATLITE Corporation belongs to PATLITE. It is strictly
prohibited to copy/reprint the partial or whole contents of audio/music
data of PATLITE Corporation or to transfer/sell them on computer
networks etc. without the permission of the right holder.
- R
②
100
①
Model
RFV-24F
RFV-100F
R F V -
F
Page
Drawing No.
Rev.
G
Mass (Tolerance ±10%)
1.0kg
1.2kg
Outer Dimensions
Refer to Outer Dimensions Drawing
RFV-220F
Insulation Resistance
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
Withstanding Resistance
500V AC
1,000V AC
1,500V AC
applied for 1 min between terminals and chassis without breaking insulation
Protection Rating
IP54
Upright direction for Panel Mount only
Vibration Resistance
45m/s
2
19.6m/s
2
At 30Hz in directions from back and forty,
left and right for 2 hours each,up and down for 4 hours
Compliances
・EMC Directive
(EN 55011, EN 61000-6-2)
・RoHS Directive
(EN IEC 63000)
Remarks
Conforms to
the CE requirements
There are no contents of controlled substances
exceeding the threshold for the RoHS Directive.
2/3
RFV-100F-W18



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com