Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD112 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MJD112
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD112 Datasheet(HTML) 2 Page - STMicroelectronics

  MJD112 Datasheet HTML 1Page - STMicroelectronics MJD112 Datasheet HTML 2Page - STMicroelectronics MJD112 Datasheet HTML 3Page - STMicroelectronics MJD112 Datasheet HTML 4Page - STMicroelectronics MJD112 Datasheet HTML 5Page - STMicroelectronics MJD112 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Rthj-amb
Thermal Resistance Ju nction- case
Max
Thermal Resistance Ju nction- amb ient
Max
6.25
100
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collecto r Cu t-of f
Current (IE =0)
VCB = 100 V
VCB =80 V
0.02
0.01
mA
mA
ICEO
Collecto r Cu t-of f
Current (IB =0)
VCE = 50 V
0.02
mA
ICEX
Collecto r Cu t-of f
Current
VCB =80 V VBE = -1.5V
VCB =80 V VBE = -1.5V Tc = 125
oC
0.01
0. 5
mA
mA
IEBO
Emitter Cut-off Current
(IC =0)
VEB =5 V
2
mA
VCEO(sus)
Collecto r-Emitter
Sustaining Voltage
IC = 30 mA
100
V
VCE(sat)
∗ Collector-Emitter
Satu ration Vo ltage
IC =2 A
IB =8 mA
IC =4 A
IB =40 mA
2
3
V
V
VBE(sat)
∗ Collector-Base
Satu ration Vo ltage
IC =4 A
IB =40 mA
4
V
VBE(on)
∗ Base-Emitter Voltage
IC =2 A
VCE =3 V
2. 8
V
hFE
∗
DC Current Gain
IC =0.5 A
VCE =3 V
IC =2 A
VCE =3 V
IC =4 A
VCE =3 V
500
100 0
200
120 00
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2%
Safe Operating Areas
Derating Curve
MJD112/MJD117
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com