Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA44FNR Datasheet(PDF) 2 Page - Optronics International

Part # BA44FNR
Description  Surface Mount Marker/Clearance Lights with Reflex
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

BA44FNR Datasheet(HTML) 2 Page - Optronics International

  BA44FNR Datasheet HTML 1Page - Optronics International BA44FNR Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bulk
Polypack
Diodes
Description
Qty
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
MC44 & BA44 SERIES
Surface Mount Marker/Clearance Lights with Reflex
Surface mount on 3” centers
Lens with reflex eliminates need for separate reflector
Two­wire design includes both lead and ground wire
Snap­on lens, replaceable bulb
Fender light assembly includes one each MC44AB and MC44RB in black ABS bracket;
female plug on power wire, grounding eyelet on ground wire
Available in bulk, polypack and retail packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
MC44AB
MC44ABP
Yellow surface mount marker/clearance light
with reflex, hard wired (2 black wires, non­
polarized), 5­in. leads
50
MC44A1B
MC44A1BP
Yellow surface mount marker/clearance light
with reflex, hard wired (2 black wires), 5­in.
leads with ring terminal on ground
50
MC44RB
MC44RBP
Red surface mount marker/clearance light with
reflex, hard wired (2 black wires, non­
polarized), 5­in. leads
50
BA44FNL
BA44FNLP
Red/Yellow MC44 fender light assembly, left
side, hard wired (black=power, white=ground)
25
BA44FNR
BA44FNRP
Red/Yellow MC44 fender light assembly, right
side, hard wired (black=power, white=ground)
25
MC44AS
Retail pack: Yellow marker/clearance light with
reflex, hard wired (2 black wires, non­
polarized), clam
12
MC44RS
Retail pack: Red marker/clearance light with
reflex, hard wired (2 black wires, non­
polarized), clam
12
MC442WB
MC442WBP
Surface mount white base with bulb, hard
wired (2 black wires, non­polarized), 5­in.
leads
50
MC44AB1
MC44AB1P
DISCONTINUED (see MC44AB) ­ Yellow
marker/clearance light with reflex, hard wired
(black=power), 5­in. lead, self grounding
50
MC44RB1
MC44RB1P
DISCONTINUED (see MC44RB) ­ Red
marker/clearance light with reflex, hard wired
(black=power), 5­in. lead, self grounding
50
MC441WB
MC441WBP
DISCONTINUED ­ Surface mount white base
with bulb, hard wired (black=power), 5­in.
lead, self grounding
500
Accessories
Bulk
Polypack
Diodes
Description
Qty
A44GTB
A44GTBP
Mounting gasket, thick, white
1000
A44AB
A44ABP
Yellow replacement lens for MC/MCL44
10
A44RB
A44RBP
Red replacement lens for MC/MCL44
10
A44A500B
DISCONTINUED ­ Yellow replacement lens for
MC44, 500­pack
500
A44R500B
DISCONTINUED ­ Red replacement lens for
MC44, 500­pack
500
A194B
A194BP
194 wedge base replacement bulb, 14V 4CP,
2500 hour rating
100
Specifications
FMVSS:
P2 A
MATERIALS:
Acrylic lens, ABS housing
VOLT/AMP:
12.8VDC ­ 0.4A
WT/DIMS:
.066 lb. / 4” x 1.5” x .938”
WARRANTY:
Three Year Warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com