Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC53RKB Datasheet(PDF) 2 Page - Optronics International

Part # MC53RKB
Description  2" Sealed Marker/Clearance Lights - PC Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

MC53RKB Datasheet(HTML) 2 Page - Optronics International

  MC53RKB Datasheet HTML 1Page - Optronics International MC53RKB Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
MC53 SERIES
2” Sealed Marker/Clearance Lights ­ PC Rated
Sonically sealed, waterproof
Recess mount
Accept standard two­pin PL­10 plugs
Available in yellow, red, and yellow ABS models
Available in bulk, polypack and retail packaging
Upgrade to LED ­ MCL55 and MCL56 Series
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
MC53AB
MC53ABP
2" yellow recess mount marker/clearance
light
50
MC53AKB
MC53AKBP
Kit: 2" yellow recess mount marker/clearance
light with A54GB grommet and A46PB PL­10
plug
50
MC53RB
MC53RBP
2" red recess mount marker/clearance light
50
MC53RKB
MC53RKBP
Kit: 2" red recess mount marker/clearance
light with A54GB grommet and A46PB PL­10
plug
50
MC53ABSB
MC53ABSBP
2" yellow recess mount "ABS" light
50
MC53AS
Retail pack: 2" yellow recess mount
marker/clearance light, clam
12
MC53RS
Retail pack: 2" red recess mount
marker/clearance light, clam
12
Accessories
Bulk
Polypack
Diodes
Description
Qty
A54GB
A54GBP
Flush mount grommet for 2" lights (hole cut­
out 2.313")
100
A54GK
A54GKP
Kit: A54GB grommet & A46PB PL­10 pigtail
100
A55CB
A55CBP
Chrome trim ring for 2" lights, grommet mount
20
BK5557GB
BK5557GBP
Cam­on mounting bracket for 2" & 2.5" lights
50
A46PB
A46PBP
Right angle 2­wire pigtail with PL­10 plug, 6”
leads, 4.25mm eyelet on ground wire
100
A86PB
A86PBP
Right angle 2­wire pigtail with PL­10 plug, 18”
leads, 5.5mm eyelet on ground wire
100
Specifications
FMVSS:
P2 PC
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 0.2A
WT/DIMS:
.066 lbs. / 2” x 2” x .688” (Hole cut­out: 2.313")
WARRANTY:
Three Year Warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com