Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD122 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJD122
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD122 Datasheet(HTML) 1 Page - STMicroelectronics

  MJD122 Datasheet HTML 1Page - STMicroelectronics MJD122 Datasheet HTML 2Page - STMicroelectronics MJD122 Datasheet HTML 3Page - STMicroelectronics MJD122 Datasheet HTML 4Page - STMicroelectronics MJD122 Datasheet HTML 5Page - STMicroelectronics MJD122 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MJD122
MJD127
COMPLEMENTARY SILICON POWER
DARLINGTON TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
LOW BASE-DRIVE REQUIREMENTS
s
INTEGRATED ANTIPARALLEL
COLLECTOR- EMITTER DIODE
s
SURFACE-MOUNTING TO-252 (DPAK)
POWER PACKAGE IN TAPE & REEL
(SUFFIX ”T4”)
s
ELECTRICAL SIMILAR TO TIP122 AND
TIP127
APPLICATIONS
s
GENERAL PURPOSE SWITCHING AND
AMPLIFIER.
DESCRIPTION
The MJD122 and MJD127 form complementary
NPN - PNP pairs.
They are manufactured using Epitaxial Base
technology for cost-effective performance.
®
INTERNAL SCHEMATIC DIAGRAM
January 1999
ABSOLUTE MAXIMUM RATINGS
Symbo l
Parameter
Valu e
Un it
NPN
MJD122
PNP
MJD127
VCBO
Collect or-Base Voltage (IE =0)
100
V
VCEO
Collect or-Emitt er Voltage (IB =0)
100
V
VEBO
Emitter-Base Volt age (IC =0)
5
V
IC
Collect or Current
5
A
ICM
Collect or Peak Current
8
A
IB
Base Current
100
mA
Pto t
Total Dissipation at Tcase
≤ 25 oC
20
W
Tstg
Storage T emperature
-65 to 150
oC
Tj
Max. O perating Junction Temperature
150
oC
For PNP types voltage and current values are negative.
1
3
DPAK
TO-252
(Suffix ”T4”)
R1 Typ. = 10 K
Ω
R2 Typ. = 150
Ω
1/6


Similar Part No. - MJD122

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD122 MOTOROLA-MJD122 Datasheet
284Kb / 8P
SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
284Kb / 8P
Complementary Darlington Power Transistors
1995 REV 1
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
Complementary Darlington Power Transistors
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
87Kb / 7P
Complementary Darlington Power Transistor
December, 2005 ??Rev. 7
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122 Datasheet
232Kb / 9P
Low voltage power Darlington transistor
03-Oct-2007
More results

Similar Description - MJD122

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com