Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD2955 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MJD2955
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD2955 Datasheet(HTML) 2 Page - STMicroelectronics

  MJD2955 Datasheet HTML 1Page - STMicroelectronics MJD2955 Datasheet HTML 2Page - STMicroelectronics MJD2955 Datasheet HTML 3Page - STMicroelectronics MJD2955 Datasheet HTML 4Page - STMicroelectronics MJD2955 Datasheet HTML 5Page - STMicroelectronics MJD2955 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
6.25
100
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICEX
Collect or Cut-off
Current
VCB =70 V VBE = -1. 5V
VCB =70 V VBE = -1.5V Tj = 150
oC
0.2
2
µA
µA
ICBO
Collect or Cut-off
Current (IE =0)
VCB =70 V
VCB =70 V
Tj =150
oC
0.2
2
µA
µA
ICEO
Collect or Cut-off
Current (IB =0)
VCB =30 V
50
µA
IEBO
Emitt er Cut-off Current
(IC =0)
VEB =5 V
0.5
mA
VCEO(sus)
Collect or-Emitter
Sustaining Voltage
IC =30 mA
60
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =4 A
IB = 0.4 A
IC =10 A
IB =3.3 A
1.1
8
V
VBE(on)
∗ Base-Emitter Voltage
IC =4 A
VCE =4 V
1.8
V
hFE
DC Current G ain
IC =4 A
VCE =4 V
IC =10 A
VCE =4 V
20
5
100
fT
DC Current G ain
IC =0. 5 A
VCE = 10 V f = 500 KHz
2
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
For PNP type voltage and current values are negative.
Safe Operating Area
Derating Curves
MJD2955 / MJD3055
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com