Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD31B Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJD31B
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD31B Datasheet(HTML) 1 Page - STMicroelectronics

  MJD31B Datasheet HTML 1Page - STMicroelectronics MJD31B Datasheet HTML 2Page - STMicroelectronics MJD31B Datasheet HTML 3Page - STMicroelectronics MJD31B Datasheet HTML 4Page - STMicroelectronics MJD31B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MJD31B/31C
MJD32B/32C
COMPLEMENTARY SILICON POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
SURFACE-MOUNTING TO-252 (DPAK)
POWER PACKAGE IN TAPE & REEL
(SUFFIX ”T4”)
s
ELECTRICALLY SIMILAR TO TIP31B/C AND
TIP32B/C
APPLICATIONS
s
GENERAL PURPOSE SWITCHING AND
AMPLIFIER TRANSISTORS
DESCRIPTION
The MJD31B and MJD31C and the MJD32B and
MJD32C form complementary NPN-PNP pairs.
They are manufactured using Epitaxial Base
technology for cost-effective performance.
®
INTERNAL SCHEMATIC DIAGRAM
May 1999
1
3
DPAK
TO-252
(Suffix ”T4”)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
NPN
MJD31B
MJD31C
PNP
MJD32B
MJD32C
VCBO
Collect or-Base Voltage (IE =0)
80
100
V
VCEO
Collect or-Emitter Voltage (IB =0)
80
100
V
VEBO
Emitter-Base Voltage (IC =0)
5
V
IC
Collect or Current
3
A
ICM
Collect or Peak Current
5
A
IB
Base Current
1
A
Ptot
Tot al Dissipation at Tc =25
oC15
W
Tstg
Storage T emperat ure
-65 t o 150
oC
Tj
Max. O perating Junction Temperature
150
oC
For PNP types the values are intented negative.
1/5


Similar Part No. - MJD31B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MJD31 FAIRCHILD-MJD31 Datasheet
49Kb / 5P
General Purpose Amplifier Low Speed Switching Applications
logo
ON Semiconductor
MJD31 ONSEMI-MJD31 Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
Guangdong Kexin Industr...
MJD31 KEXIN-MJD31 Datasheet
47Kb / 2P
Complementary Power Transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31 Datasheet
135Kb / 10P
Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31 Datasheet
129Kb / 11P
Complementary Power Transistors
July, 2013 ??Rev. 12
More results

Similar Description - MJD31B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com