Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMD1002 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMMD1002
Description  WR-15 Waveguide Down Converter Mixer From 50 GHz to 75 GHz, With an IF Range From DC to 18 GHz And LO Power of 13 dBm, UG-385/U Flange
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMMD1002 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMMD1002 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMMD1002 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 4 of 5
WR-15 Waveguide Down Converter Mixer From 50 GHz to 75 GHz, With an IF Range From DC to 18 GHz And LO Power of
+13 dBm, UG-385/U Flange from Fairview Microwave is in-stock and available to ship same-day. All of our RF/microwave
products are available off-the-shelf from our ISO 9001:2008 certified facilities in Allen, Texas. Fairview Microwave is RF
on-demand.
For additional information on this product, please click the following link: WR-15 Waveguide Down Converter Mixer From 50
GHz to 75 GHz, With an IF Range From DC to 18 GHz And LO Power of +13 dBm, UG-385/U Flange FMMD1002
URL: https://www.fairviewmicrowave.com/wr-15-waveguide-mixer-down-converter-50-75-ghz-ug-385-u-fmmd1002-p.
aspx
FMMD1002
DATA SHEET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com