Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP-FF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DP-FF
Description  DISPLAYPORT PNL ADAPT F-F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DP-FF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DP-FF_V01 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28.8
1.13
33.32
1.312
R.06
1.5
R.06
1.5
.45
11.4
2X JACKSCREW
L-COM LOGO
ONE SIDE
PANEL CUTOUT
PIN 1
RECOMMENDED
PIN 1
"J2"
33.1
1.30
.94
23.9
DISPLAYPORT
"J1"
2X, FEMALE
2X 4-40 UNC-2B
17.0
.67
33.3
1.31
1.61
41.0
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNLESS OTHERWISE SPECIFIED,
MAY OCCUR
A
B
DISPLAYPORT PNL ADAPT F-F
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
D. PARHAM
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
F
ECN 7162: REVISED 1.37" OVERALL LENGTH TO 1.30". UPD ROHS NOTE
6
7
D. DESJARDIN
8
DP-FF
11
12/22/2010
REVISIONS
DESCRIPTION
UNDIMENSIONED FEATURES
AUDIO/VIDEO
APPROVED
REV
12/22/2010
DATE
P. McNEIL
12/22/2010
11/15/13
E
ECN 7402: WIRING WAS STRAIGHT THROUGH. CORRECTED WIRE MAP.
04/23/14
D. DESJARDIN
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
F
DP-FF.SLDDRW
D. CASTRO
43321
NONE
PROJECTION
NORTH ANDOVER, MA
FSCM NO.
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
NOTES:
1. COMPONENT SHALL BE TESTED FOR CONTINUITY.
2. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
3. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
WIRING MAP
"J1"
"J2"
12
1
11
2
10
3
94
85
76
67
58
49
310
211
112
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
SHELL SHELL
F


Similar Part No. - DP-FF_V01

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DP-FF. L-COM-DP-FF. Datasheet
64Kb / 1P
DISPLAYPORT PNL ADAPT F-F
12/22/2010
More results

Similar Description - DP-FF_V01

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
logo
Winchester Electronics ...
SD1999-1-4 WINCHESTER-SD1999-1-4 Datasheet
63Kb / 1P
ADAPT, BKHD, TRI-AX, F-F
SDKN-99-14 WINCHESTER-SDKN-99-14 Datasheet
58Kb / 1P
ADAPTER, PNL, F-F, N
logo
Tripp Lite. All Rights ...
P13906NDP TRIPPLITE-P13906NDP Datasheet
473Kb / 2P
Mini DisplayPort to DisplayPort Cable Adapter,Video Converter, 2560x1600 (M-F)
P168000 TRIPPLITE-P168000 Datasheet
480Kb / 2P
Compact DisplayPort Coupler Gender Changer (F-F)
B121000 TRIPPLITE-B121000 Datasheet
510Kb / 2P
DisplayPort Extender Equalizer, Repeater for Video and Audio 1920x1200 at 60Hz-1080p (Displayport F-F)
P130-000-DP TRIPPLITE-P130-000-DP Datasheet
503Kb / 2P
HDMI/DVI to DisplayPort Active Converter, HDMI to DisplayPort (F/F), 1920 x 1200 (1080p)
P169-000-KPA-BK TRIPPLITE-P169-000-KPA-BK Datasheet
172Kb / 2P
Mini DisplayPort to DisplayPort All-in-One Keystone/Panel Mount Angled Adapter (F/F), Black
P168-000 TRIPPLITE-P168-000 Datasheet
157Kb / 2P
Compact DisplayPort Coupler Gender Changer (F/F)
logo
PHOENIX CONTACT
1020304 PHOENIX-1020304 Datasheet
343Kb / 18P
AXC F IL ADAPT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com