Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD340 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJD340
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD340 Datasheet(HTML) 1 Page - STMicroelectronics

  MJD340 Datasheet HTML 1Page - STMicroelectronics MJD340 Datasheet HTML 2Page - STMicroelectronics MJD340 Datasheet HTML 3Page - STMicroelectronics MJD340 Datasheet HTML 4Page - STMicroelectronics MJD340 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MJD340
MJD350
COMPLEMENTARY SILICON POWER TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
s
MEDIUM VOLTAGE CAPABILITY
s
SURFACE-MOUNTING TO-252 (DPAK)
POWER PACKAGE IN TAPE & REEL
(SUFFIX ”T4”)
s
ELECTRICAL SIMILAR TO MJE340 AND
MJE350
APPLICATIONS
s
SOLENOID/RELAY DRIVERS
s
GENERAL PURPOSE SWITCHING AND
AMPLIFIER
DESCRIPTION
The MJD340 and MJD350 form complementary
NPN - PNP pairs.
They are manufactured using Medium Voltage
Epitaxial Planar technology, resulting in a rugged
high performance cost-effective transistor.
INTERNAL SCHEMATIC DIAGRAM
June 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Valu e
Un it
NPN
MJD340
PNP
MJD350
VCBO
Collector-Base Voltage (I E = 0)
300
V
VCEO
Collector-Emitt er Voltage (IB = 0)
300
V
VEBO
Emitt er-Base Voltage (IC = 0)
3
V
IC
Collector Current
0. 5
A
ICM
Collector Peak Current (tp = 25
oC)
0.75
A
Ptot
Tot al Power Dissipation at Tcase
≤ 25 oC15
W
Tstg
Storage T emperature
-65 to 150
oC
Tj
Max Operating Junction T emperature
150
oC
For PNP types voltage and current values are negative.
DPAK
TO-252
(Suffix ”T4”)
1
3
1/5


Similar Part No. - MJD340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
logo
ON Semiconductor
MJD340 ONSEMI-MJD340 Datasheet
194Kb / 4P
SILICON POWER TRANSISTORS
1995
logo
Fairchild Semiconductor
MJD340 FAIRCHILD-MJD340 Datasheet
37Kb / 4P
High Voltage Power Transistors D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD340 STMICROELECTRONICS-MJD340 Datasheet
505Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-2003
logo
Guangdong Kexin Industr...
MJD340 KEXIN-MJD340 Datasheet
38Kb / 1P
NPN Epitaxial Silicon Transistor
More results

Similar Description - MJD340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com