Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAC042 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC042
Description  CONNECTOR BNC M RG6-Q CRIMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC042 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC042 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.0 24.45
.68 17.30
.30±.01 7.65±0.254
.33±.01 8.28±0.254
BAC042 TO APPEAR
ON OPPOSITE SIDE FROM
"L-COM"
.309 7.85
.236 5.99
.650 16.51
.315 8
DIELECTRIC
BRAID
CENTER CONDUCTOR
NOTES:
MATERIAL:
BODY: BRASS
FERRULE: BRASS OR COPPER ALLOY
PIN: BRASS
INSULATOR: ACETAL
FINISH:
BODY: NICKEL PLATE
FERRULE: NICKEL PLATE
PIN: GOLD FLASH
ELECTRICAL:
IMPEDANCE: 75 OHM
PACKAGING:
INDIVIDUALLY PACKAGE EACH ASSEMBLY UTILIZING APPROPRIATE SIZED BAG
APPLICATION:RG6-Q PLENUM COAXIAL CABLE ASSEMBLIES
RECOMMENDED
CABLE STRIPPING
DIMENSIONS
RECOMMENDED
FERRULE CRIMP SIZE
RoHS Compliant 
D
C
B
A
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SIZE
DWG. NO.
B
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
CHANGED BY
REV.
E
C.MCCORMICK
D.PARHAM
R.CARRICK
05/01/2001
05/03/2001
05/04/2001
E
ECN 3150: UPDATE DWG FORMAT
1/17/08
D.GRIFFIN
CONNECTOR BNC M RG6-Q CRIMP
CATEGORY
PRODUCT DESCRIPTION
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
BAC042
FSCM NO.
43321
SHEET 1 OF 1
CAD FILE: BAC042.SLDDRW
SCALE: 1:1
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES [mm]
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BAC042

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC012 L-COM-BAC012 Datasheet
106Kb / 1P
CONN 75 OHM BNC F RG59 CRIMP
03/20/2002
BAC024 L-COM-BAC024 Datasheet
171Kb / 1P
CONN 75 OHM BNC M RG59 TWIST
03/07/2001
BAC026 L-COM-BAC026 Datasheet
131Kb / 1P
CONN 75 OHM BNC M RG6 TWIST
11/05/2001
BAC027 L-COM-BAC027 Datasheet
58Kb / 1P
CONN 75 OHM BNC M RG59 CRIMP
05/01/2001
BAC027A L-COM-BAC027A Datasheet
136Kb / 1P
CONN 75 OHM BNC PLUG RG59 CRIMP
05/02/2001
More results

Similar Description - BAC042

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7042 POMONA-7042 Datasheet
264Kb / 2P
BNC (M) Crimp 75 廓
7040 POMONA-7040 Datasheet
254Kb / 2P
BNC (M) Crimp 50 廓
7035 POMONA-7035 Datasheet
246Kb / 2P
BNC (M) 50 廓 Crimp
5286 POMONA-5286 Datasheet
36Kb / 1P
Connector BNC (M), Crimp, RG 59
logo
Pasternack Enterprises,...
PE4377 PASTERNACK-PE4377 Datasheet
208Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG6
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
logo
Molex Electronics Ltd.
0731710731 MOLEX11-0731710731 Datasheet
52Kb / 1P
75 Ohms, BNC Straight Plug, RG6
0731710731 MOLEX-0731710731_V01 Datasheet
41Kb / 1P
75 Ohms, BNC Straight Plug, RG6
logo
NHP Electrical Engineer...
1786-BNC NHP-1786-BNC Datasheet
624Kb / 1P
CNET RG6 COAX CONNECTOR BNC PLUG
7 June 2023,
1786-TPS NHP-1786-TPS Datasheet
462Kb / 1P
CNET RG6 COAX BNC T-TAP BNC DROP STRAIGHT
7 June 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com