Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAC552 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC552
Description  BNC, FEMALE, BULKHEAD, RG59/U
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC552 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC552 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.11
2.8
.02
0.5
1.15
29.3
.71
18.0
.51
13.0
.30
7.5
.27
6.9
.57
14.5
.083
2.10
.15
I.D.
3.8
.25
6.4
.031
I.D.
0.8
.22
5.5
FERRULE
BODY
LOCK
WASHER
LOCK
NUT
1/2-28 UNEF-2A
CONTACT
.63
HEX
16.0
1.39
35.2
.69
HEX
17.5
.46
11.8
.505±.005
12.8±0.13
.470±.005
11.9±0.13
RECOMMENDED
PANEL CUT OUT
.15±.02
3.8±0.5
.18±.02
4.5±0.5
.47±.02
12.0±0.5
NOTES:
IMPEDANCE: 75 OHM
APPLICATION: RG59/U
RECOMMENDED HEX CRIMP TOOL SIZE: .255 IN [6.48mm] & .068 IN [1.72mm]
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN A POLY BAG.
RECOMMENDED
CABLE STRIPPING
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BAC552
A
BAC552.SLDDRW
1
1
D.CASTRO
3/31/09
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.DOLCE
3/31/09
4/3/09
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
BNC, FEMALE, BULKHEAD, RG59/U
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
3/31/09
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .3
.XX = ± .15


Similar Part No. - BAC552

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC550 L-COM-BAC550 Datasheet
70Kb / 1P
BNC, FEMALE, BULKHEAD, RG179/U
12/19/17
BAC551 L-COM-BAC551 Datasheet
46Kb / 1P
BNC, MALE, RIGHT ANGLE, RG179/U
3/17/09
More results

Similar Description - BAC552

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4160 POMONA-4160 Datasheet
24Kb / 1P
Connector, BNC (Female), Bulkhead
logo
Pasternack Enterprises,...
PE3649LF PASTERNACK-PE3649LF Datasheet
124Kb / 1P
CABLE ASSEMBLY RG58C/U BNC MALE TO BNC FEMALE BULKHEAD (LEAD FREE)
PE3103 PASTERNACK-PE3103 Datasheet
114Kb / 1P
CABLE ASSEMBLY RG59B/U-BLACK BNC MALE TO BNC FEMALE BULKHEAD
PE3427 PASTERNACK-PE3427 Datasheet
286Kb / 1P
CABLE ASSEMBLY RG214/U BNC MALE TO BNC FEMALE BULKHEAD
PE3431 PASTERNACK-PE3431 Datasheet
99Kb / 1P
CABLE ASSEMBLY RG174A/U BNC MALE TO BNC FEMALE BULKHEAD
PE3440LF PASTERNACK-PE3440LF Datasheet
95Kb / 1P
CABLE ASSEMBLY RG8A/U BNC MALE TO BNC FEMALE BULKHEAD
PE3450LF PASTERNACK-PE3450LF Datasheet
95Kb / 1P
CABLE ASSEMBLY RG213/U BNC MALE TO BNC FEMALE BULKHEAD
PE36738 PASTERNACK-PE36738 Datasheet
116Kb / 1P
sosrmcable assembly rg174a/u bnc female bulkhead bnc female bulkhead to mmcx plug right angle
PE34882 PASTERNACK-PE34882 Datasheet
258Kb / 1P
CABLE ASSEMBLY, RG400/U, N FEMALE TO BNC FEMALE BULKHEAD
PE3649 PASTERNACK-PE3649 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG58C/U, BNC MALE TO BNC FEMALE BULKHEAD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com