Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21990 Datasheet(PDF) 19 Page - Analog Devices

Part # ADSP-21990
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADSP-21990 Datasheet HTML 15Page - Analog Devices ADSP-21990 Datasheet HTML 16Page - Analog Devices ADSP-21990 Datasheet HTML 17Page - Analog Devices ADSP-21990 Datasheet HTML 18Page - Analog Devices ADSP-21990 Datasheet HTML 19Page - Analog Devices ADSP-21990 Datasheet HTML 20Page - Analog Devices ADSP-21990 Datasheet HTML 21Page - Analog Devices ADSP-21990 Datasheet HTML 22Page - Analog Devices ADSP-21990 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
ADSP-21990
Rev. A
|
Page 19 of 50
|
August 2007
SPECIFICATIONS
Specifications subject to change without notice.
RECOMMENDED OPERATING CONDITIONS—ADSP-21990BBC
RECOMMENDED OPERATING CONDITIONS—ADSP-21990BST
Parameter
Conditions
Min
Typ
Max
Unit
VDDINT
Internal (Core) Supply Voltage
2.375
2.5
2.625
V
VDDEXT
External (I/O) Supply Voltage
3.135
3.3
3.465
V
AVDD
Analog Supply Voltage
2.375
2.5
2.625
V
CCLK
DSP Instruction Rate, Core Clock
0
150
MHz
HCLK1, 2
1 The HCLK frequency may be made to appear at the dedicated CLKOUT pin of the device. For low power operation, however, the CLKOUT pin can be disabled.
2 The peripherals operate at the HCLK rate, which may be selected to be equal to CCLK or CCLK
2, up to a maximum of a 75 MHz HCLK for the ADSP-21990BBC.
Peripheral Clock Rate
0
75
MHz
CLKIN3
3 In order to attain the correct CCLK and HCLK values, the input clock frequency or crystal frequency depends on the internal operation of the clock generation PLL
circuit and the associated frequency ratio.
Input Clock Frequency
0
150
MHz
TJUNC
4
4 The maximum junction temperature is limited to 140°C in order to meet all of the electrical specifications. It is ultimately the responsibility of the user to ensure that
the power dissipation of the ADSP-21990 (including all dc and ac loads) is such that the maximum junction temperature limit of 140°C is not exceeded.
Silicon Junction Temperature
140ºC
C
TAMB
Ambient Operating Temperature
–40ºC
+85ºC
C
Parameter
Conditions
Min
Typ
Max
Unit
VDDINT
Internal (Core) Supply Voltage
2.375
2.5
2.625
V
VDDEXT
External (I/O) Supply Voltage
3.135
3.3
3.465
V
AVDD
Analog Supply Voltage
2.375
2.5
2.625
V
CCLK
DSP Instruction Rate, Core Clock
0
160
MHz
HCLK
1, 2
1 The HCLK frequency may be made to appear at the dedicated CLKOUT pin of the device. For low power operation, however, the CLKOUT pin can be disabled.
2 The peripherals operate at the HCLK rate, which may be selected to be equal to CCLK or CCLK/2, up to a maximum of an 80 MHz HCLK for the ADSP-21990BST.
Peripheral Clock Rate
0
80
MHz
CLKIN
3
3 In order to attain the correct CCLK and HCLK values, the input clock frequency or crystal frequency depends on the internal operation of the clock generation PLL
circuit and the associated frequency ratio.
Input Clock Frequency
0
160
MHz
TJUNC
4
4 The maximum junction temperature is limited to 140°C in order to meet all of the electrical specifications. It is ultimately the responsibility of the user to ensure that
the power dissipation of the ADSP-21990 (including all dc and ac loads) is such that the maximum junction temperature limit of 140°C is not exceeded.
Silicon Junction Temperature
140ºC
C
TAMB
Ambient Operating Temperature
–40ºC
+85ºC
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com