Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F526TFCDFN Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F526TFCDFN
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TFCDFN Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F526TFCDFN Datasheet HTML 1Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 2Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 3Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 4Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 5Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 6Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 7Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 8Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 2 of 142
Oct 31, 2024
RX26T Group
1. Overview
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 gives a comparison of the functions of products in different
packages.
Table 1.1 shows the outline of maximum specifications. The peripheral functions and the number of their channels vary
depending on the number of pins of the package, and the RAM capacity. For details, see Table 1.2, Comparison of
Functions for Different Packages.
Table 1.1
Outline of Specifications (1/9)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 120 MHz
 32-bit RX CPU (RXv3)
 Minimum instruction execution time: One instruction per state (cycle of the system clock)
 Address space: 4-Gbyte linear
 Register set of the CPU
General purpose: Sixteen 32-bit registers
Control: Ten 32-bit registers
Accumulator: Two 72-bit registers
 113 instructions (products with 64 Kbytes of RAM), 111 instructions (products with 48
Kbytes of RAM)
Standard provided instructions: 111
Basic instructions: 77
Single precision floating point instructions: 11
DSP instructions: 23
Instructions for register bank save function: 2 (only supported by products with 64 Kbytes
of RAM)
 Addressing modes: 11
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32 × 32 → 64 bits
 On-chip divider: 32/32 → 32 bits
 Barrel shifter: 32 bits
FPU
 Single-precision (32-bit) floating-point number
 Data types and floating-point exceptions in conformance with the IEEE754 standard
Register bank save
function
 Fast collective saving and restoration of the values of CPU registers
 16 save register banks
Memory
Code flash memory
 Capacity: 512 Kbytes, 256 Kbytes, 128 Kbytes
 120 MHz No-wait access
 On-board programming: Three types
 Instructions are executable only for the program stored in the TM target area by using the
Trusted Memory (TM) function and protection against data reading is realized.
 A dual-bank structure allows programming during reading or exchanging the start-up
areas
Data flash memory
 Capacity: 16 Kbytes
 Programming/erasing: 100,000 times
Unique ID
 12-byte unique ID for the device
RAM
 Capacity: 64 Kbytes, 48 Kbytes
 120 MHz No-wait access
 SED (single error detection)
Operating modes
 Operating modes by the mode-setting pins at the time of release from the reset state
Single-chip mode
Boot mode (SCI interface)
Boot mode (FINE interface)
 Selection of operating mode by register setting
Single-chip mode
 Endian selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com