Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21990BSTZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-21990BSTZ
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BSTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-21990BSTZ Datasheet HTML 9Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 10Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 11Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 12Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 13Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 14Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 15Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 16Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
ADSP-21990
Rev. A
|
Page 13 of 50
|
August 2007
RESET AND POWER-ON RESET (POR)
The RESET pin initiates a complete hardware reset of the
ADSP-21990 when pulled low. The RESET signal must be
asserted when the device is powered up to assure proper initial-
ization. The ADSP-21990 contains an integrated power-on reset
(POR) circuit that provides an output reset signal, POR, from
the ADSP-21990 on power-up and if the power supply voltage
falls below the threshold level. The ADSP-21990 may be reset
from an external source using the RESET signal, or alterna-
tively, the internal power-on reset circuit may be used by
connecting the POR pin to the RESET pin. During power-up
the RESET line must be activated for long enough to allow the
DSP core’s internal clock to stabilize. The power-up sequence is
defined as the total time required for the crystal oscillator to sta-
bilize after a valid VDD is applied to the processor and for the
internal phase-locked loop (PLL) to lock onto the specific crys-
tal frequency. A minimum of 512 cycles will ensure that the PLL
has locked (this does not include the crystal oscillator
start-up time).
The RESET input contains some hysteresis. If an RC circuit is
used to generate the RESET signal, the circuit should use an
external Schmitt trigger.
The master reset sets all internal stack pointers to the empty
stack condition, masks all interrupts, and resets all registers to
their default values (where applicable). When RESET is
released, if there is no pending bus request, program control
jumps to the location of the on-chip boot ROM (0xFF0000) and
the booting sequence is performed.
POWER SUPPLIES
The ADSP-21990 has separate power supply connections for the
internal (VDDINT) and external (VDDEXT) power supplies. The
internal supply must meet the 2.5 V requirement. The external
supply must be connected to a 3.3 V supply. All external supply
pins must be connected to the same supply. The ideal power-on
sequence for the DSP is to provide power-up of all supplies
simultaneously. If there is going to be some delay in power-up
between the supplies, provide VDD first, then VDD_IO.
BOOTING MODES
The ADSP-21990 supports a number of different boot modes
that are controlled by the three dedicated hardware boot mode
control pins (BMODE2, BMODE1, and BMODE0). The use of
three boot mode control pins means that up to eight different
boot modes are possible. Of these only five modes are valid on
the ADSP-21990. The ADSP-21990 exposes the boot mecha-
nism to software control by providing a nonmaskable boot
interrupt that vectors to the start of the on-chip ROM memory
block (at address 0xFF0000). A boot interrupt is automatically
initiated following either a hardware initiated reset, via the
RESET pin, or a software initiated reset, via writing to the Soft-
ware Reset register. Following either a hardware or a software
reset, execution always starts from the boot ROM at address
0xFF0000, irrespective of the settings of the BMODE2,
BMODE1, and BMODE0 pins. The dedicated BMODE2,
BMODE1, and BMODE0 pins are sampled at hardware reset.
The particular boot mode for the ADSP-21990 associated with
the settings of the BMODE2, BMODE1, BMODE0 pins is
defined in Table 3.
Table 3. Summary of Boot Modes
Boot Mode
BMODE2
BMODE1
BMODE0
Function
0
0
0
0
Illegal-Reserved
1
0
0
1
Boot from External 8-Bit Memory over EMI
2
0
1
0
Execute from External 8-Bit Memory
3
0
1
1
Execute from External 16-Bit Memory
4
1
0
0
Boot from SPI
≤ 4K Bits
5
1
0
1
Boot from SPI
> 4K Bits
6
1
1
0
Illegal-Reserved
7
1
1
1
Illegal-Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com