Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT41WFILM Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT41WFILM
Description  Low capacitance small signal Schottky diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT41WFILM Datasheet(HTML) 1 Page - STMicroelectronics

  BAT41WFILM Datasheet HTML 1Page - STMicroelectronics BAT41WFILM Datasheet HTML 2Page - STMicroelectronics BAT41WFILM Datasheet HTML 3Page - STMicroelectronics BAT41WFILM Datasheet HTML 4Page - STMicroelectronics BAT41WFILM Datasheet HTML 5Page - STMicroelectronics BAT41WFILM Datasheet HTML 6Page - STMicroelectronics BAT41WFILM Datasheet HTML 7Page - STMicroelectronics BAT41WFILM Datasheet HTML 8Page - STMicroelectronics BAT41WFILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2006
Rev 1
1/12
BAT41 Series
Low capacitance small signal Schottky diodes
Main product characteristics
Features and benefits
■ Low leakage current losses
■ Negligible switching losses
■ Low forward and reverse recovery times
■ Extremely fast switching
■ Surface mount device
■ Low capacitance diode
Description
The BAT41 series uses 100 V Schottky barrier
diodes packaged in SOD-123, SOD-323, SOD-
523, SOT-323, or SOT-666. This series is
specially suited for switching mode with low IR
losses
Order codes
IF
200 mA
VRRM
100 V
C (typ)
3 pF
Tj (max)
150° C
Part Number
Marking
BAT41ZFILM
Z41
BAT41WFILM
B41
BAT41SWFILM
S41
BAT41CWFILM
C41
BAT41AWFILM
A41
BAT41JFILM
41
BAT41KFILM
41
BAT41-09P6FILM
Q1
BAT41-07P6FILM
P1
SOD-123
SOD-323
SOD-523
SOT-666
BAT41ZFILM
(Single)
BAT41JFILM
(Single)
BAT41KFILM
(Single)
BAT41WFILM
(Single)
BAT41CWFILM
(Common cathode)
BAT41AWFILM
(Common anode)
BAT41SWFILM
(Series)
BAT41-07P6FILM
(2 parallel diodes)
BAT41-09P6FILM
(2 opposite diodes)
SOT-323
Configurations in top view
www.st.com


Similar Part No. - BAT41WFILM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT41WFILM STMICROELECTRONICS-BAT41WFILM Datasheet
153Kb / 12P
Low capacitance small signal Schottky diodes
08-Aug-2006
More results

Similar Description - BAT41WFILM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
STMicroelectronics
BAS69 STMICROELECTRONICS-BAS69 Datasheet
105Kb / 9P
Low capacitance small signal Schottky diodes
24-Jul-2006
BAT41ZFILM STMICROELECTRONICS-BAT41ZFILM Datasheet
153Kb / 12P
Low capacitance small signal Schottky diodes
08-Aug-2006
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
logo
Comchip Technology
ACDBZ0130L-HF COMCHIP-ACDBZ0130L-HF Datasheet
109Kb / 4P
Low VF Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com