Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT41SWFILM Datasheet(PDF) 5 Page - STMicroelectronics

Part # BAT41SWFILM
Description  Low capacitance small signal Schottky diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT41SWFILM Datasheet(HTML) 5 Page - STMicroelectronics

  BAT41SWFILM Datasheet HTML 1Page - STMicroelectronics BAT41SWFILM Datasheet HTML 2Page - STMicroelectronics BAT41SWFILM Datasheet HTML 3Page - STMicroelectronics BAT41SWFILM Datasheet HTML 4Page - STMicroelectronics BAT41SWFILM Datasheet HTML 5Page - STMicroelectronics BAT41SWFILM Datasheet HTML 6Page - STMicroelectronics BAT41SWFILM Datasheet HTML 7Page - STMicroelectronics BAT41SWFILM Datasheet HTML 8Page - STMicroelectronics BAT41SWFILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BAT41 Series
Ordering information scheme
5/12
2
Ordering information scheme
BAT41
xx
xx FILM
Signal Schottky diodes
Package
V
= 100 V
RRM
No letter = Single diode
A = Common anode
C = Common cathode
S = Series diodes
07 = Parallel diodes
09 = Opposite diodes
J = SOD-323
W = SOT-323
K = SOD-523
P6 = SOT-666
Z = SOD-123
Configuration
Packing
FILM = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com