Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-T3LSF2-DM Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # GW-T3LSF2-DM
Description  DURIS® L 38
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-T3LSF2-DM Datasheet(HTML) 1 Page - ams-OSRAM AG

  GW-T3LSF2-DM Datasheet HTML 1Page - ams-OSRAM AG GW-T3LSF2-DM Datasheet HTML 2Page - ams-OSRAM AG GW-T3LSF2-DM Datasheet HTML 3Page - ams-OSRAM AG GW-T3LSF2-DM Datasheet HTML 4Page - ams-OSRAM AG GW-T3LSF2-DM Datasheet HTML 5Page - ams-OSRAM AG GW-T3LSF2-DM Datasheet HTML 6Page - ams-OSRAM AG GW-T3LSF2-DM Datasheet HTML 7Page - ams-OSRAM AG GW-T3LSF2-DM Datasheet HTML 8Page - ams-OSRAM AG GW-T3LSF2-DM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
GW T3LSF2.DM
1 Version 1.4 | 2020-08-28
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
GW T3LSF2.DM
DURIS® L 38
The DURIS® L 38 combines high efficacy and a
wide beam angle into small footprint ( 32.0mm x
1.8mm), which is ideal choice for all 360° bulb and
candle light application.
—
Accent (BAR)
—
Architecture / Garden Lighting (LED & Laser)
—
Area Lights
—
Lamp Retrofits
—
Mood Lighting
—
Portable LED Lighting
—
Stage Lighting (LED & Laser)
—
Table Lamp
Features:
—
Package: Chip-on-Board
—
Typ. Radiation: 180°
—
Color temperature: 2400K
—
CRI: 84 (min.)
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - GW-T3LSF2-DM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-T3LSF2-EM AMSOSRAM-GW-T3LSF2-EM Datasheet
1Mb / 20P
DURIS® L 38
Version 1.5 2020-08-28
More results

Similar Description - GW-T3LSF2-DM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
Super Micro Computer, I...
X9SCM-F SUPERMICRO-X9SCM-F Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
logo
WAGO Kontakttechnik Gmb...
887-952 WAGO-887-952 Datasheet
701Kb / 2P
Splicing Connector Set; L-BOXX® Mini; 221 Series
21.11.2022
887-954 WAGO-887-954 Datasheet
477Kb / 2P
Splicing Connector Set; L-BOXX® Mini; 2773 Series
21.11.2022
logo
ams AG
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com