Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-T3LSF2-EM Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GW-T3LSF2-EM
Description  DURIS® L 38
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-T3LSF2-EM Datasheet(HTML) 2 Page - ams-OSRAM AG

  GW-T3LSF2-EM Datasheet HTML 1Page - ams-OSRAM AG GW-T3LSF2-EM Datasheet HTML 2Page - ams-OSRAM AG GW-T3LSF2-EM Datasheet HTML 3Page - ams-OSRAM AG GW-T3LSF2-EM Datasheet HTML 4Page - ams-OSRAM AG GW-T3LSF2-EM Datasheet HTML 5Page - ams-OSRAM AG GW-T3LSF2-EM Datasheet HTML 6Page - ams-OSRAM AG GW-T3LSF2-EM Datasheet HTML 7Page - ams-OSRAM AG GW-T3LSF2-EM Datasheet HTML 8Page - ams-OSRAM AG GW-T3LSF2-EM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
GW T3LSF2.EM
2 Version 1.5 | 2020-08-28
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 30 mA
Φ
V
GW T3LSF2.EM-LQLT-22S5-1
2200 K
121.0 ... 164.0 lm
Q65112A3922
GW T3LSF2.EM-LQLT-25S5-1
2500 K
121.0 ... 164.0 lm
Q65112A3923
GW T3LSF2.EM-LQLT-27S5-1
2700 K
121.0 ... 164.0 lm
Q65112A3924



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com