Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-LED4X Datasheet(PDF) 1 Page - YORKVILLE

Part # LP-LED4X
Description  4 HEAD LED LIGHTING SYSTEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LP-LED4X Datasheet(HTML) 1 Page - YORKVILLE

  LP-LED4X Datasheet HTML 1Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
System Type
LED Lighting System
Powered or Passive
Powered
Power Consumption LEDs
14 watts per LED
(4 LEDs, 56 watts per pod)
Power Consumption
200VA, 1.7A @ 120VAC Nominal
Stand Mount Size
1 3/8-inch Round
Pole Through Design
Manual Controls
Master Brightness
Lamp Colours
Effect Modes
Colour Chase / Colour Fade /
Audio Chase / Bluetooth
Bluetooth Control App
IOS & Android
DMX
Shielded 3-pin XLR Cable
Sound Active Mode
Integrated Microphone
Audio Input
Line Level or Speaker Level
Yorkville Controller
LP-C12 or LP-C4
Dimensions (LWH inches)
31 x 4.8 x 8
Dimenstions (LWH cm)
78.8 x 12.25 x 20.4
Weight
14.6 lbs (6.6 kg)
Box Dimensions (LxWxH, inches)
34 x 10 x 10
Box Dimensions (LxWxH, cm)
86 x 25 x 25
Specifications subject to change without notice
Features
l
Four Pods each with Four RGBW LEDS
l
Bluetooth Compatible
l
Operates in Standalone Mode, Controlled Via Yorkville
Proprietary Communication Protocol, Integrated DMX I/O,
Bluetooth Control (IOS) and Android
l
Integrated Microphone for Sound Active mode
l
31 Pre-set Colors per Pod in Standalone Mode
l
Master Brightness Control
l
Audio Chase Input (Line Level or Speaker Level)
l
Pole Adapter goes right through unit allowing stacking of
multiple LP-LED’s or to be mounted under a loudspeaker
l
Made in Canada
Overview
Low profile design with convenient bar handles make the LP-LED4X easy
to transport. Innovative through-hole stand mount design allows multiple
units to be used on a standard speaker stand for large scale mobile appli-
cations. Contractors and touring companies will appreciate the integrated
flypoints that ensure safe installation or truss mounting in touring rigs, club
installs or theatre applications.
Our iOS App controls up to four individual LP-LED4X fixtures via Bluetooth,
and Android.
LP-LED4X
4 HEAD LED LIGHTING SYSTEM
yorkville.com
LP-LED4X
The iOS and Android App, via
Bluetooth, controls up to 4
individual LP-LED4X and
LP-LED2X fixtures.
Available for
FREE DOWNLOAD
Type: yorkville LP-control


Similar Part No. - LP-LED4X

ManufacturerPart #DatasheetDescription
logo
YORKVILLE
LP-LED4PRO YORKVILLE-LP-LED4PRO Datasheet
1Mb / 1P
HIGH OUTPUT 4-HEAD LED LIGHTING SYSTEM
More results

Similar Description - LP-LED4X

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLSO-TR46000-M2X2 P-TEC-PLSO-TR46000-M2X2 Datasheet
434Kb / 1P
SOLID-STATE LED LIGHTING SYSTEM
logo
List of Unclassifed Man...
701940-2WC31 ETC2-701940-2WC31 Datasheet
834Kb / 2P
LED lighting system for multi-deck merchandisers
701906-3WC4X ETC2-701906-3WC4X Datasheet
701Kb / 2P
LED lighting system for cooler doors
701948-5WSWT2 ETC2-701948-5WSWT2 Datasheet
1Mb / 3P
LED lighting system for fuel canopies
701948-5WCWT3 ETC2-701948-5WCWT3 Datasheet
1Mb / 3P
LED lighting system for fuel canopies
701269-WLPY-MB ETC2-701269-WLPY-MB Datasheet
278Kb / 2P
Versatile LED lighting system
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-54 FSP-FSP075-NZMVH-54 Datasheet
123Kb / 1P
LED Lighting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com