Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2100P Datasheet(PDF) 2 Page - YORKVILLE

Part # LS2100P
Description  Powered Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS2100P Datasheet(HTML) 2 Page - YORKVILLE

  LS2100P Datasheet HTML 1Page - YORKVILLE LS2100P Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
élite
Passive Series
yorkville.com
Specifications
System Type
Rear Horn-Loaded Subwoofer
Active or Passive
Active
Program Power (Watts)
2400 watts (3600 Watts Peak)
Max SPL (dB)
144dB Peak (135dB Continuous)
Frequency Response (Hz +/- 3dB)
32 - 200
Driver Configuration
21-inch Woofer w/ 6-inch Voice Coil
LF Protection
Thermal / Overcurrent / Clip
Power Cable
Detachable
Power Switch
Yes
Power Consumption (typ/max)
800/1440VA (12A@60hz, 6A@50hz)
Inputs - 1/4" Jacks
2 line/speaker level inputs, 2 link (in/out)
Inputs - XLR
2 line inputs, 2 link (in/out)
Level Controls
Master
Other Controls / Features
Active Controls:
Level
Low Pass Filter Frequency
Bass Boost Level
Corners
Metal
Feet
Rubber
Wheels
Rear tilt-back
Bar Handles
6 (Side), 2 (Top)
Pole Mount Adapter (1 3/8"-3.5cm)
1 (Top)
Enclosure Materials
3/4 inch 7-ply Spruce
Grille
Perforated Metal
Covering / Finish
Black Ozite (Carpet)
Optional Covering / Finishes
Black Ultrathane Paint (LS2100PB)
Dimensions (DWH xbackW, inches)
31 x 25.25 x 36
Dimensions (DWH xbackW, cm)
78.7 x 64.1 x 94.1
Weight (lbs/kg)
203 / 92.1
Specifications subject to change without notice
LS2100P



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com