Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDBP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F5671CDDBP
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDBP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F5671CDDBP Datasheet HTML 1Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 2Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 3Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 4Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 5Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 6Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 7Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 8Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 179 page
background image
RX671 Group
Renesas MCUs
Datasheet
R01DS0373EJ0120 Rev.1.20
Page 1 of 179
Sep 30, 2024
Features
■ 32-bit RXv3 CPU core
 Maximum operating frequency: 120 MHz
Capable of 707 CoreMark in operation at 120 MHz
 Double-precision 64-bit IEEE-754 floating point
 A collective register bank save function is available.
 Supports the memory protection unit (MPU)
 JTAG and FINE (one-line) debugging interfaces
■ Low-power design and architecture
 Operation from a single 2.7- to 3.6-V supply
 Battery supply of backup power allows continued operations of the
RTC and the backup registers.
 Four low-power modes
■ On-chip code flash memory
 Supports versions with up to 2 Mbytes of ROM
 No wait cycles at up to 60 MHz or when the ROM cache is hit, one-
wait state at up to 120 MHz
 User code is programmable by on-board or off-board programming.
 Programming/erasing as background operations (BGOs)
 A dual-bank structure allows exchanging the start-up bank.
■ On-chip data flash memory
 8 Kbytes, reprogrammable up to 100,000 times
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM
 384 Kbytes of SRAM (no wait states)
 4 Kbytes of standby RAM (backup on deep software standby)
■ External address space
 Buses for full-speed data transfer (maximum operating frequency of
60 MHz)
 8 CS areas
 8- or 16-bit bus space is selectable per area
 Independent SDRAM area (128 Mbytes)
■ Data transfer
 DMACAb: 8 channels
 DTCb: 1 channel
 EXDMACa: 2 channels
■ Reset and supply management
 Power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
 Backup domain low power detection
■ Clock functions
 External crystal resonator or internal PLL for operation at 8 to 24
MHz
 A sub-clock oscillator connectable to a 32.768-kHz crystal resonator
 Internal 240-kHz LOCO and HOCO selectable from 16, 18, and 20
MHz
 120-kHz clock for the IWDTa
■ Real-time clock
 Adjustment functions (30 seconds, leap year, and error)
 Real-time clock counting and binary counting modes are selectable
 Time capture in response to an event-signal input
■ Independent watchdog timer
 Operates with the 120-kHz clock frequency generated by the
dedicated low-speed oscillator
■ Useful functions for IEC60730 compliance
 Oscillation-stoppage detection, frequency measurement, CRCA,
IWDTa, self-diagnostic function for the A/D converter, etc.
 Register write protection function that protects important registers
against overwriting
■ Remote control signal receiver
■ Various communications interfaces
 PHY layer (up to 2 channels) for host/function or OTG controller
(1 channel) with full-speed USB 2.0 transfer
 CAN (compliant with ISO11898-1), incorporating 32 mailboxes (up
to 2 channels)
 SCIk and SCIh with multiple functionalities (up to 13 channels)
Choose from among asynchronous mode, clock-synchronous mode,
smart-card interface mode, simplified SPI, simplified I2C, and
extended serial mode.
 SCIm with 16-byte transmission and reception FIFOs (up to 2
channels)
 Up to two RSCIs with Manchester encoding and HBS functionality
 The I2C bus interfaces RIIC and RIICHS for transfer at up to 3.4
Mbps (up to 3 channels), and the RIICHS also supports high-speed
mode.
 Single I/O RSPId (3 channels), single I/O RSPIA (1 channel), and
quad QSPIX (1 channel). The QSPIX supports fetching from serial
flash memory.
 SD host interface (1 channel) with a 1- or 4-bit SD bus for use with
SD memory or SDIO
 Serial sound interface supporting various audio data formats,
including I2S
■ Up to 25 extended-function timers
 16-bit TPUa, MTU3a
 8-bit TMRb (4 channels), 16-bit CMT (4 channels), 32-bit CMTW (2
channels)
■ 12-bit A/D converter
 Two 12-bit units (8 channels for unit 0; 12 channels for unit 1)
 Self diagnosis, detection of analog input disconnection
■ Temperature sensor for measuring temperature
within the chip
■ Capacitive touch sensing unit
 Self-capacitance method: A single pin configures a single key,
supporting up to 17 keys
 Mutual capacitance method: Matrix configuration with 17 pins,
supporting up to 64 keys
■ Encryption function
 Trusted Secure IP (TSIP)
AES128/192/256, TDES, ARC4, RSA, ECC,
True-random number generator (TRNG), SHA1, SHA224, SHA256,
MD5, GHASH, Prevention of the illicit copying of keys
■ Up to 114 pins for general I/O ports
 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating temp. range
 D-version: –40C to +85C
 G-version: –40C to +105C
PLQP0144KA-B 20 × 20 mm, 0.50-mm pitch
PLQP0100KB-B 14 × 14 mm, 0.50-mm pitch
PLQP0064KB-C 10 × 10 mm, 0.50-mm pitch
PTLG0145JC-A 9 × 9 mm, 0.65-mm pitch
PTLG0145KB-A 7 × 7 mm, 0.50-mm pitch
PTLG0100JB-A 7 × 7 mm, 0.65-mm pitch
PTBG0064KB-A 4.5 × 4.5 mm, 0.50-mm pitch
PWQN0048KC-A 7 × 7 mm, 0.50-mm pitch
120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark,
up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM,
various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
12-bit A/D converter, RTC, Encryption function, Serial sound interface, Remote control signal receiver
R01DS0373EJ0120
Rev.1.20
Sep 30, 2024
Features


Similar Part No. - R5F5671CDDBP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F5671CDDBP RENESAS-R5F5671CDDBP Datasheet
2Mb / 178P
120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
Apr 15, 2022
More results

Similar Description - R5F5671CDDBP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
Renesas MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
Renesas MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com