Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDGFB Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F5671CDGFB
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDGFB Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F5671CDGFB Datasheet HTML 93Page - Renesas Technology Corp R5F5671CDGFB Datasheet HTML 94Page - Renesas Technology Corp R5F5671CDGFB Datasheet HTML 95Page - Renesas Technology Corp R5F5671CDGFB Datasheet HTML 96Page - Renesas Technology Corp R5F5671CDGFB Datasheet HTML 97Page - Renesas Technology Corp R5F5671CDGFB Datasheet HTML 98Page - Renesas Technology Corp R5F5671CDGFB Datasheet HTML 99Page - Renesas Technology Corp R5F5671CDGFB Datasheet HTML 100Page - Renesas Technology Corp R5F5671CDGFB Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 97 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Note 1. If the main clock oscillator is selected by the CLKOUT output source select bit (CKOCR.CKOSEL[2:0]) and the external clock
input is selected by the main clock oscillator switching bit (MOFCR.MOSEL), the pulse width depends on the input clock wave
form.
Figure 2.12
CLKOUT Pin Output Timing
Table 2.22
CLKOUT Pin Output Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr,
High-drive output is selected by the drive capacity control register
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
CLKOUT pin output cycle time
tCcyc
25
—
—
ns
Figure 2.12
tCcyc = 25 ns
CLKOUT pin output high pulse width*1
tCH
5—
—
ns
CLKOUT pin output low pulse width*1
tCL
5—
—
ns
CLKOUT pin output rising time
tCr
——
5
ns
CLKOUT pin output falling time
tCf
——
5
ns
tCf
tCH
tCcyc
tCr
tCL
CLKOUT pin output
Test Conditions VOH = 0.7 × VCC, VOL = 0.3 × VCC, C = 30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com