Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC098F Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # REC098F
Description  OUTLINE DRAWING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

REC098F Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  REC098F Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
APPROVED BY
CHECKED BY
D. PARHAM
D. PARHAM
C
ECN#2361: LESSENSED TOLERANCE ON DIMS
04/19/06
D. PARHAM
CABLE LENGTH TOLERANCE
.005
.
.
.
.
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
<300" ±5%
>300" ±2%
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
.XXX
MAY VARY
NONE
FSCM NO.
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
OUTLINE DRAWING
A
B
C
D
1
2
3
4
5
6
7
8
REC098F-OD1
C
REC098F-OD1.SLDDRW
1
1
D PARHAM
4/11/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
T CLARK
R CARRICK
5/17/2001
5/24/2001
DRAWING TITLE
PRODUCT DESCRIPTION
DB9F TO RJ45 MODULAR ADAPTOR
NORTH ANDOVER, MA
5/30/01
APPROVALS
DRAWN BY
A
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
9/19/03
B
ECN1509: ADDED PRODUCT VALIDATION
RELEASED FOR PRODUCTION
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES
TOLERANCES ARE:
.X
.1
.XX
.05
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
43321
PIN 1
.7
1.2
BY INSERTING AND SEATING EACH FEMALE CONTACT
1. ADAPTOR KIT MAY BE PROGRAMMED AS NEEDED
NOTE:
IN THE DESIRED POSITION IN THE D-SUB SHELL.
SPECIFICATIONS
MOLDED PARTS ARE UL94V-0 RATED
MATERIAL:
HOUSING: MOLDED ABS
COLOR: DARK GRAY
D-SUB
INSULATOR: UL94V-0 THERMOPLASTIC
CONTACTS: GOLD PLATED
SHELL: TIN FINISH
RJ45
CONTACTS: GOLD PLATED, 50 µINCHES
C
C
C
2X 4-40 THREAD
KNURLED PLASTIC
WIRE COLORS PER
USOC WIRING SCHEDULE
1.6
"J1"
RJ45 JACK
(8X8)
"P1"
9 CONTACT FEMALE
D-SUB CONNECTOR
"J1"
LEAD COLOR
1
BLUE
2
ORANGE
3
BLACK
4
RED
5
GREEN
6
YELLOW
7
BROWN
8
WHITE
WIRING MAP


Similar Part No. - REC098F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
REC098M L-COM-REC098M Datasheet
56Kb / 1P
DB9M TO RJ45 MODULAR ADAPTOR
REV. C 04/19/06
REC098M-OD1 L-COM-REC098M-OD1 Datasheet
56Kb / 1P
DB9M TO RJ45 MODULAR ADAPTOR
REV. C 04/19/06
REC098M. L-COM-REC098M.   Datasheet
56Kb / 1P
DB9M TO RJ45 MODULAR ADAPTOR
REV. C 04/19/06
More results

Similar Description - REC098F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSU10A40 ETC1-FSU10A40 Datasheet
115Kb / 5P
OUTLINE DRAWING
logo
M/A-COM Technology Solu...
OD-S-30 MA-COM-OD-S-30 Datasheet
392Kb / 3P
Outline Drawing
OD-S-31 MA-COM-OD-S-31 Datasheet
217Kb / 2P
Outline Drawing
OD-S-36 MA-COM-OD-S-36 Datasheet
99Kb / 1P
Outline Drawing
OD-S-111 MA-COM-OD-S-111 Datasheet
132Kb / 1P
Outline Drawing
OD-S-131 MA-COM-OD-S-131 Datasheet
92Kb / 1P
Outline Drawing
OD-S-137 MA-COM-OD-S-137 Datasheet
120Kb / 1P
Outline Drawing
OD-S-144 MA-COM-OD-S-144 Datasheet
113Kb / 1P
Outline Drawing
OD-S-150 MA-COM-OD-S-150 Datasheet
115Kb / 1P
Outline Drawing
OD-S-296 MA-COM-OD-S-296 Datasheet
131Kb / 1P
Outline Drawing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com