Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD9P Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SD9P
Description  DB9M SOLDER CUP CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

SD9P Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SD9P Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
MATERIAL:
CONNECTOR SHELL: STEEL
CONNECTOR INSULATOR: THERMOPLASTIC, UL94V-0 RATED
CONTACTS: COPPER ALLOY
FINISH:
FRONT SHELL: NICKEL PLATED
BACK SHELL: TIN PLATED
CONTACTS: GOLD FLASH IN CONTACT AREA OVER NICKEL PLATE
SOLDER CUPS: TIN PLATED
ELECTRICAL:
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VAC rms
INSULATION RESISTANCE: 5000MΩ @ 500VDC
MISCELLANEOUS:
OPERATING TEMPERATURE: -55°C TO +105°C
CONNECTOR SHALL BE PACKAGED IN ACCORDANCE WITH
L-COM SPEC PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
CATALOG #
PACKAGING
SD9P
1/BAG
SD9P-TRAY
50/TRAY
E
E
E
MAY OCCUR
11/10/2003
A
B
C
B.MAZEJKA
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
SD9P
E
SD9P.SLDDRW
11
C.McCORMICK
12/08/2003
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.PARHAM
12/08/2003
8/3/10
E
ECN 4944: ADDED FRONT & BACK SHELL FINISH, ADDED PKG NOTE, DEL CURRENT RATING
D. CASTRO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
DB9M SOLDER CUP CONNECTOR
D-SUBMINIATURE
PROJECTION
UNLESS OTHERWISE SPECIFIED,
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
2X
3
.12
.06
1.21
30.7
.98
25
.05
1.4
2.8
.11
1.4
12.5
.49
.11
2.8
5.9
.23
11.9
.47
.59
14.9


Similar Part No. - SD9P

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
Linear Li-Lon Battery Charger High Accuracy
logo
Bourns Electronic Solut...
SD90ABB BOURNS-SD90ABB Datasheet
686Kb / 2P
Bourns® Mini-Breaker Thermal Cutoff Device (TCO) Model SD and AD Series
3/23
SD90ABB BOURNS-SD90ABB Datasheet
974Kb / 7P
SD Series Breaker (Surface Mount Thermal Cutoff Device)
Mar 31, 2015
SD90WBB BOURNS-SD90WBB Datasheet
686Kb / 2P
Bourns® Mini-Breaker Thermal Cutoff Device (TCO) Model SD and AD Series
3/23
SD90WBB BOURNS-SD90WBB Datasheet
974Kb / 7P
SD Series Breaker (Surface Mount Thermal Cutoff Device)
Mar 31, 2015
More results

Similar Description - SD9P

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT09-15PK211 YAMAICHI-CT09-15PK211 Datasheet
251Kb / 2P
180째 Solder Cup
logo
CONEC Elektronische Bau...
42-00005 CONEC-42-00005 Datasheet
174Kb / 1P
Male connector M8x1, solder cup, axial, solder co nnection
42K1A283 CONEC-42K1A283 Datasheet
174Kb / 1P
Male connector M8x1, solder cup, axial, solder co nnection
logo
List of Unclassifed Man...
SDH26P ETC2-SDH26P Datasheet
109Kb / 1P
HDB26M SOLDER CUP CONNECTOR
SDH15P ETC2-SDH15P Datasheet
108Kb / 1P
HD815M SOLDER CUP CONNECTOR
logo
Adam Technologies, Inc.
DXXX-SD ADAM-TECH-DXXX-SD Datasheet
88Kb / 1P
D-SUB SOLDER CUP
DXXX-SD-BU ADAM-TECH-DXXX-SD-BU Datasheet
89Kb / 1P
D-SUB SOLDER CUP
DXXX-SD-JS ADAM-TECH-DXXX-SD-JS Datasheet
115Kb / 1P
D-SUB SOLDER CUP
DXXX-SD-SL ADAM-TECH-DXXX-SD-SL Datasheet
110Kb / 1P
D-SUB SOLDER CUP
logo
Advantech Co., Ltd.
31D1-28100 ADVANTECH-31D1-28100 Datasheet
425Kb / 1P
Mini DB9M to DB9M Null Modem Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com