Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD9S Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SD9S
Description  FEMALE DB9F SOLDER CUP CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

SD9S Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SD9S Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.21
30.7
.98
25
.49
12.5
2X
.11
2.8
.05
1.4
.11
2.8
.11
2.8
.06
1.4
.23
5.9
.47
12
.59
15
NOTES:
MATERIAL:
CONNECTOR SHELL: STEEL
CONNECTOR INSULATOR: THERMOPLASTIC, UL94V-0 RATED
CONTACTS: BRASS
FINISH:
FRONT SHELL: NICKEL PLATED
BACK SHELL: TIN PLATED
CONTACTS: 5 µin SELECTIVE GOLD
SOLDER CUPS: TIN PLATED
ELECTRICAL:
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VAC rms
INSULATION RESISTANCE: 500MΩ @ DC 500V
CONTACT RESISTANCE: 25 MILLIOHMS MAX
CURRENT RATING: 1 AMP
MISCELLANEOUS:
OPERATING TEMPERATURE: -55°C TO +105°C
CONNECTOR SHALL BE PACKAGED IN ACCORDANCE WITH
L-COM SPEC PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
REACH REGULATION (EC) No 1907/2006
G
CATALOG # PACKAGING
SD9S
1/BAG
SD9S-TRAY
50/TRAY
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
SD9S
G
SD9S.SLDDRW
1
1
C.McCORMICK
12/08/2003
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.PARHAM
12/08/2003
8/3/10
E
F
ECN 4944: ADDED FRONT & BACK SHELL FINISH, ADDED PKG NOTE, DEL CURRENT RATING
ECN 7987: UPDATED NOTES TO MATCH SUPPLIER SPEC
6/16/15
D. CASTRO
D. CASTRO
G
ECN 8860: ADD 'REACH' COMPLIANCY NOTE
7/19/2017 R.CLARK
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
-
-
-
-
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
FEMALE DB9F SOLDER CUP CONNECTOR
D-SUBMINIATURE
PROJECTION
UNLESS OTHERWISE SPECIFIED,
1AC08-017
B.MAZEJKA
COLOR VARIATIONS
MAY OCCUR
11/10/2003
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - SD9S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD9SB8W-128G ETC1-SD9SB8W-128G Datasheet
587Kb / 2P
EXCEPTIONAL STORAGE OPTIONS FOR A BROAD RANGE
SD9SB8W-1T00 ETC1-SD9SB8W-1T00 Datasheet
587Kb / 2P
EXCEPTIONAL STORAGE OPTIONS FOR A BROAD RANGE
SD9SB8W-256G ETC1-SD9SB8W-256G Datasheet
587Kb / 2P
EXCEPTIONAL STORAGE OPTIONS FOR A BROAD RANGE
SD9SB8W-2T00 ETC1-SD9SB8W-2T00 Datasheet
587Kb / 2P
EXCEPTIONAL STORAGE OPTIONS FOR A BROAD RANGE
SD9SB8W-512G ETC1-SD9SB8W-512G Datasheet
587Kb / 2P
EXCEPTIONAL STORAGE OPTIONS FOR A BROAD RANGE
More results

Similar Description - SD9S

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4572 PASTERNACK-PE4572 Datasheet
294Kb / 2P
7/16 DIN Female Bulkhead Connector Solder Attachment Solder Cup Terminal
PE44610 PASTERNACK-PE44610 Datasheet
215Kb / 3P
QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal
PE4549 PASTERNACK-PE4549_16 Datasheet
316Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4063 PASTERNACK-PE4063_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4065 PASTERNACK-PE4065_16 Datasheet
355Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4101 PASTERNACK-PE4101_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4137 PASTERNACK-PE4137_17 Datasheet
351Kb / 3P
N Female Bulkhead Mount Pressurized Connector Solder Attachment Solder Cup Terminal
PE4240 PASTERNACK-PE4240_16 Datasheet
315Kb / 3P
C Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
logo
NorComp
858-005-203RSUY NORCOMP-858-005-203RSUY Datasheet
70Kb / 1P
M12 CONNECTOR SERIES-FEMALE-SOLDER CUP-5POSITION
03-07-16
180-026-202L011 NORCOMP-180-026-202L011 Datasheet
124Kb / 2P
DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP
08/12/1998
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com