Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-DDLM32-13 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # KB-DDLM32-13
Description  SYNIOS® S2222
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KB-DDLM32-13 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button KB-DDLM32-13 Datasheet HTML 2Page - ams-OSRAM AG KB-DDLM32-13 Datasheet HTML 3Page - ams-OSRAM AG KB-DDLM32-13 Datasheet HTML 4Page - ams-OSRAM AG KB-DDLM32-13 Datasheet HTML 5Page - ams-OSRAM AG KB-DDLM32-13 Datasheet HTML 6Page - ams-OSRAM AG KB-DDLM32-13 Datasheet HTML 7Page - ams-OSRAM AG KB-DDLM32-13 Datasheet HTML 8Page - ams-OSRAM AG KB-DDLM32-13 Datasheet HTML 9Page - ams-OSRAM AG KB-DDLM32-13 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
KB DDLM32.13
DATASHEET
DATASHEET
6 | Version 1.0 | 2024-02-01
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
Luminous Intensity 6)
I
F = 100 mA
I
F = 100 mA
I
F = 100 mA
min.
max.
typ.
Φ
V
Φ
V
I
v
DU
6580 mlm
7100 mlm
2260 mcd
EP
7100 mlm
7630 mlm
2430 mcd
EQ
7630 mlm
8200 mlm
2610 mcd
ER
8200 mlm
8920 mlm
2820 mcd
ES
8920 mlm
9700 mlm
3070 mcd
ET
9700 mlm
10420 mlm
3320 mcd
EU
10420 mlm
11200 mlm
3570 mcd
FP
11200 mlm
12100 mlm
3840 mcd
FQ
12100 mlm
13000 mlm
4140 mcd
FR
13000 mlm
14000 mlm
4460 mcd
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 100 mA
I
F = 100 mA
min.
max.
V
F
V
F
K1
2.60 V
2.70 V
K2
2.70 V
2.80 V
L1
2.80 V
2.90 V
L2
2.90 V
3.00 V
M1
3.00 V
3.10 V
M2
3.10 V
3.20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com