Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-DDLN31-13 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KB-DDLN31-13
Description  SYNIOS™ P2222
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KB-DDLN31-13 Datasheet(HTML) 2 Page - ams-OSRAM AG

  KB-DDLN31-13 Datasheet HTML 1Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 2Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 3Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 4Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 5Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 6Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 7Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 8Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
KB DDLN31.13
DATASHEET
DATASHEET
2 | Version 1.1 | 2025-07-16
SYNIOS™ P2222
KB DDLN31.13
The SYNIOS™ P2222 is the new standard mid-power LED for
Automotive Signaling applications. It features a small package
outline and is available in all application-specific colors.
Applications
- Static Signaling
Features
- Package: white SMT package, colorless clear silicone resin
- Chip technology: Volume emitter on Sapphire (AlInGaN)
- Color: λ
dom = 457 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com