Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-DELSS2-D1 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # KB-DELSS2-D1
Description  TOPLED® E1608
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KB-DELSS2-D1 Datasheet(HTML) 5 Page - ams-OSRAM AG

  KB-DELSS2-D1 Datasheet HTML 1Page - ams-OSRAM AG KB-DELSS2-D1 Datasheet HTML 2Page - ams-OSRAM AG KB-DELSS2-D1 Datasheet HTML 3Page - ams-OSRAM AG KB-DELSS2-D1 Datasheet HTML 4Page - ams-OSRAM AG KB-DELSS2-D1 Datasheet HTML 5Page - ams-OSRAM AG KB-DELSS2-D1 Datasheet HTML 6Page - ams-OSRAM AG KB-DELSS2-D1 Datasheet HTML 7Page - ams-OSRAM AG KB-DELSS2-D1 Datasheet HTML 8Page - ams-OSRAM AG KB-DELSS2-D1 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
KB DELSS2.D1
DATASHEET
DATASHEET
5 | Version 1.5 | 2024-06-19
Characteristics
I
F = 20 mA; TS = 25 °C
Parameter
Symbol
Values
Chromaticity Coordinate 3)
Cx
Cy
typ.
typ.
0.21
0.2
Viewing angle at 50% I
V
2φ
typ.
120 °
Forward Voltage 4)
I
F = 20 mA
V
F
min.
typ.
max.
2.80 V
3.10 V
3.40 V
Reverse current 2)
V
R = 5 V
I
R
typ.
max.
0.01 µA
10 µA
Real thermal resistance junction/ambient 5)6)
R
thJA real
max.
570 K / W
Real thermal resistance junction/solderpoint 5)
R
thJS real
typ.
max.
120 K / W
210 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com