Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSC2 Datasheet(PDF) 1 Page - Speco Technologies.

Part # ACSC2
Description  Clamshell Credential for BLE Reader
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

ACSC2 Datasheet(HTML) 1 Page - Speco Technologies.

  ACSC2 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•Up to 2.25in read range
•High-Security Encryption Technology
•Frequency 13.56MHz
•Fraudulent Data Detection Solution
•Lifetime warranty
•Pack quantity: 25 cards
•NDAA Compliant*
Clamshell Credential for BLE Reader
ACSC2
clamshell credential for BLE reader
Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation. Spec Rev. 1/19/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
Features
Technical Specification
Technology
Smartcard
Frequency
13.56 MHz
Operation
Passive (no battery)
Type
Clamshell-style card
Formats
Wiegand 26-bit
Material
ABS housing, PC sticker
Color
White
Slot Punch
Standard, vertical slot
Marking
Date code and ID
Read Range
Up to 2.25in (57mm)
Outputs
Multi-application
Warranty
Lifetime warranty
Dimensions
2.1” W x 3.4” H x .07” D (54mm x 86mm x 1.8mm)
Weight
0.35oz (10g)
Operating Temperature
-40°F to 158°F (-35°C to 70°C)
Humidity
0-95% non-condensing
Memory
2K memory standard
ISO Standards
ISO 14443-A
Technologies Supported
MIFARE® DESFire EV2
Supporting Readers
ACSR35L
ACS
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - ACSC2

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
ACSC2 SPECO-ACSC2 Datasheet
443Kb / 1P
Smartcard Reader & Keypad
1/10/22
ACSC2 SPECO-ACSC2 Datasheet
442Kb / 1P
Smartcard Reader & Keypad
1/10/22
More results

Similar Description - ACSC2

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC53-0484-100 YAMAICHI-IC53-0484-100 Datasheet
89Kb / 1P
LCC (TH - Clamshell)
logo
Ironwood Electronics.
CG-QFN-7011 IRONWOOD-CG-QFN-7011 Datasheet
296Kb / 4P
Hinged clamshell socket lid
GT-BGA-2024 IRONWOOD-GT-BGA-2024 Datasheet
309Kb / 4P
Hinged clamshell socket lid
GT-QFN-3000 IRONWOOD-GT-QFN-3000 Datasheet
219Kb / 4P
Clamshell lid design
logo
ATMEL Corporation
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
BLE Module
logo
EnOcean GmbH.
PTM535BZ ENOCEAN-PTM535BZ Datasheet
161Kb / 1P
Transmitter module for BLE and Zigbee
May 2021
logo
ELATEC GmbH
T4BT-FB2BEL7 ELATEC-T4BT-FB2BEL7 Datasheet
230Kb / 4P
TWN4 MultiTech 2Multi-frequency RFID reader (LF/HF) with NFC and BLE support
11/2023
T4FK-BBFRLM7 ELATEC-T4FK-BBFRLM7 Datasheet
264Kb / 3P
TWN4 USB Front Reader LEGIC Multi-frequency RFID reader (LF/HF) with NFC and BLE support
11/2023
T4QC-FC3B7 ELATEC-T4QC-FC3B7 Datasheet
231Kb / 4P
TWN4 Slim Multi-frequency RFID reader (LF/HF) with NFC and BLE support
11/2023
T4WK-F01EU7 ELATEC-T4WK-F01EU7 Datasheet
359Kb / 4P
TWN4 Palon Compact Wall Multi-frequency RFID reader (LF/HF/NFC/BLE) for in-wall mounting
11/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com