Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2012PBC/Z Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APT2012PBC/Z
Description  2.0x1.25mm SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APT2012PBC/Z Datasheet(HTML) 1 Page - Kingbright Corporation

  APT2012PBC/Z Datasheet HTML 1Page - Kingbright Corporation APT2012PBC/Z Datasheet HTML 2Page - Kingbright Corporation APT2012PBC/Z Datasheet HTML 3Page - Kingbright Corporation APT2012PBC/Z Datasheet HTML 4Page - Kingbright Corporation APT2012PBC/Z Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAH0983
REV NO: V.3
DATE: JUN/04/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203005681
2.0x1.25mm SMD CHIP LED LAMP
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APT2012PBC/Z
Blue
Features
2.0mmx1.25mm SMT LED,0.75mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC
Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APT2012PBC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT2012PBC/A KINGBRIGHT-APT2012PBC/A Datasheet
279Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - APT2012PBC/Z

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0805-B GILWAY-GHB-0805-B Datasheet
141Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
GHB-0805-R GILWAY-GHB-0805-R Datasheet
134Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AP2012SURC KINGBRIGHT-AP2012SURC Datasheet
125Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
APT2012SGC KINGBRIGHT-APT2012SGC_07 Datasheet
273Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
AP2012PBC-A KINGBRIGHT-AP2012PBC-A Datasheet
158Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SECK-F01 KINGBRIGHT-APHCM2012SECK-F01 Datasheet
281Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SYCK-F01 KINGBRIGHT-APHCM2012SYCK-F01 Datasheet
279Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012VGC-A-F01 KINGBRIGHT-APHCM2012VGC-A-F01 Datasheet
284Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APT2012ZGC-E KINGBRIGHT-APT2012ZGC-E Datasheet
277Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AP2012SYCK TO-GRACE-AP2012SYCK Datasheet
1Mb / 5P
2.0x1.25mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com