Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1909000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1909000000
Description  ZPS 2.5/1AN/QV/10
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1909000000 Datasheet(HTML) 4 Page - Weidmuller

  1909000000 Datasheet HTML 1Page - Weidmuller 1909000000 Datasheet HTML 2Page - Weidmuller 1909000000 Datasheet HTML 3Page - Weidmuller 1909000000 Datasheet HTML 4Page - Weidmuller 1909000000 Datasheet HTML 5Page - Weidmuller 1909000000 Datasheet HTML 6Page - Weidmuller 1909000000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data sheet
ZPS 2.5/1AN/QV/10
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Accessories
 
Cross-connections
The distribution or multiplication of a potential to
adjoining terminal blocks is realized via a cross-
connection. Additional wiring effort can be easily
avoided. Even if the poles are broken out, contact
reliability in the terminal blocks is still ensured. Our
portfolio offers pluggable and screwable cross-connection
systems for modular terminal blocks.
General ordering data
Type
ZQV 2.5N/20 GE
Version
Order No.
1909000000
GTIN (EAN) 4032248535613
Qty.
20 ST
W-Series, Cross-connector, 24 A
Testadapter and testsockets
Test adapters and test plugs are used for the electrical
connection between terminal blocks and the test
equipment. In this way, an electrical contact can be
established in the wired state and measurements can be
done easily.
General ordering data
Type
ZTA ZT2.5
Version
Order No.
1827080000
GTIN (EAN) 4032248411276
Qty.
25 ST
Accessories, Test adapter, 17.5 A
Type
ZTA ZT2.5/ZA
Version
Order No.
1847600000
GTIN (EAN) 4032248412679
Qty.
25 ST
Accessories, Test adapter, 17.5 A
Slotted screwdriver
Slotted screwdriver with rounded blade SD DIN 5265,
ISO 2380/2, output to DIN 5264, ISO 2380/1.
ChromTop tip, SoftFinish grip
 
Creation date 25.02.2026 06:18:38 MEZ
 
Catalogue status / Drawings
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com