Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTL3216PBC/Z Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APTL3216PBC/Z
Description  3.2x1.6mm SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTL3216PBC/Z Datasheet(HTML) 1 Page - Kingbright Corporation

  APTL3216PBC/Z Datasheet HTML 1Page - Kingbright Corporation APTL3216PBC/Z Datasheet HTML 2Page - Kingbright Corporation APTL3216PBC/Z Datasheet HTML 3Page - Kingbright Corporation APTL3216PBC/Z Datasheet HTML 4Page - Kingbright Corporation APTL3216PBC/Z Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAH3795
REV NO: V.1
DATE: JUN/05/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203006730
3.2x1.6mm SMD CHIP LED LAMP
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APTL3216PBC/Z
Blue
Features
3.2mmx1.6mm SMT LED, 1.1mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC
Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APTL3216PBC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTL3216PBC-A KINGBRIGHT-APTL3216PBC-A Datasheet
282Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
More results

Similar Description - APTL3216PBC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTR3216SGC KINGBRIGHT-APTR3216SGC Datasheet
128Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-1206L-O2 GILWAY-GHB-1206L-O2 Datasheet
137Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
GHB-1206L-Y GILWAY-GHB-1206L-Y Datasheet
142Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
GHB-1206-YG2 GILWAY-GHB-1206-YG2 Datasheet
139Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AP3216MBC KINGBRIGHT-AP3216MBC Datasheet
124Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
AP3216MGC KINGBRIGHT-AP3216MGC Datasheet
112Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
APK3216TGC KINGBRIGHT-APK3216TGC Datasheet
102Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
APTL3216ZGC KINGBRIGHT-APTL3216ZGC Datasheet
287Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
APTR3216CGCK KINGBRIGHT-APTR3216CGCK Datasheet
274Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
APTR3216EC KINGBRIGHT-APTR3216EC Datasheet
275Kb / 5P
3.2x1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com