Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV102T-US Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AV102T-US
Description  Drive 2 professional dual screen receivers from a miniaturised two port transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AV102T-US Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AV102T-US Datasheet HTML 1Page - Infinite Electronics International, Inc. AV102T-US Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADDER TECHNOLOGY
Technology House,Trafalgar Way, Bar Hill,
Cambridge, CB23 8SQ UK
Tel: +44 (0)1954 780044 Fax: +44 (0)1954 780081
email: sales@adder.com www.adder.com
ADDER CORPORATION
350R Merrimac St.
Newburyport, MA 01950. USA
Tel: +1 888 932 3337 Fax: +1 888 275 1117
email: usasales@adder.com www.adder.com
ADDER TECHNOLOGY ASIA PACIFIC
6 New Industrial Road
#07-01 Hoe Huat Industrial Building, Singapore 536199
Tel: +65 6288 5767 Fax: +65 6284 1150
email: asiasales@adder.com www.adder.com
© Copyright June 2011 - Adder Technology Ltd.All brand names and trademarks are the property of their respective owners. alav102t_v1.indd
TECHNICAL SPECIFICATIONS
Video Resolution
All HD resolutions up to 1920x1080
Extension Distance
300 meters at 1280x1024 @ 60Hz
200 meters at 1600x1200 @ 60Hz
100 meters at 1920x1080 @ 60Hz
O/S Compatability
Operating system independent
Connectors
USB Type A, D type 15 pin male (video);
3.5mm male audio jack, D type 9pin
female (RS232), and two RJ45 ports
Physical Design
ABS moulded plastic. (H) 70mm, (W)
52mm, (D) 25mm
Power
USB powered ( Max 300mA @5V DC)
Operating Temperature
0-40 °C
Approvals
CE, FCC
ADDERLink AV102T
Professional 2 port AV transmitter with RS232 & USB power
ABOUT ADDER
Adder is a leading developer and
thought leader in connectivity
solutions.Adder’s advanced range
of KVM switches, extenders and IP
solutions enable the control of local,
remote and global IT systems across
the enterprise.The company distributes
its products in more than 60 countries
through a network of distributors,
resellers and OEMs.Adder has offices
in the United States, United Kingdom,
Germany, the Netherlands, Sweden,
China and Singapore.
To find out more, visit:
http://www.adder.com
ORDERING INFORMATION
ALAV102T with audio: and RS232 ALAV102T
Compatible receivers
ADDERLink 100 Series
ALAV100R - Professional AV receiver
ALAV101R - Professional AV receiver with de-skew and local
feedthrough fo easy cascade
ALAV102T
Designed to work with
ALAV100 Series
Receivers
RELATED PRODUCTS
Adder offer a vast range of products
to suit your needs. Other products you
may be interested in include:
ADDERLink AV 100
Receiver
ALAV100R
ADDERLink AV 101
Receiver
ALAV101R
ADDERLink AV201R
Dual output receiver
with Deskew
ADDERLink AV204T
4 line transmitter, cas-
cadeable
ADDERLink AV208T
8 line transmitter, cas-
cadeable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com