Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KOM-2125 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KOM-2125
Description  2-Chip Silicon PIN Photodiode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KOM-2125 Datasheet(HTML) 2 Page - ams-OSRAM AG

  KOM-2125 Datasheet HTML 1Page - ams-OSRAM AG KOM-2125 Datasheet HTML 2Page - ams-OSRAM AG KOM-2125 Datasheet HTML 3Page - ams-OSRAM AG KOM-2125 Datasheet HTML 4Page - ams-OSRAM AG KOM-2125 Datasheet HTML 5Page - ams-OSRAM AG KOM-2125 Datasheet HTML 6Page - ams-OSRAM AG KOM-2125 Datasheet HTML 7Page - ams-OSRAM AG KOM-2125 Datasheet HTML 8Page - ams-OSRAM AG KOM-2125 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2016-04-11
2
Version 1.4
KOM 2125
Maximum Ratings (TA = 25 °C)
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 80
°C
Reverse voltage
V
R
60
V
Total Power dissipation
P
tot
150
mW
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2000
V
Parameter
Symbol
Values
Unit
Photocurrent
(Ev = 1000 lx, Std. Light A, VR = 5 V; Diode A)
(typ (min))
IP
40 (≥ 30)
µA
Photocurrent
(V
R = 5 V, Ee = 1 mW/cm
2 , λ = 870 nm, Diode B)
(typ (min))
IP
100 (≥ 75)
μA
Wavelength of max. sensitivity
(typ)
λ
S max
850
nm
Spectral range of sensitivity
(typ)
λ
10%
(typ) 400
... 1100
nm
Radiant sensitive area
(Diode A)
(typ)
A
4.00
mm
2
Radiant sensitive area
(Diode B)
(typ)
A
10.00
mm
2
Dimensions of radiant sensitive area
(Diode A)
(typ)
L x W
2 x 2
mm x
mm
Dimensions of radiant sensitive area
(Diode B)
(typ)
L x W
2 x 5
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Dark current
(VR = 10 V; Diode A)
(typ (max)) IR
5 (≤ 30)
nA
Dark current
(V
R = 10 V; Diode B)
(typ (max)) IR
10 (≤ 30)
nA
Spectral sensitivity of the chip
(λ = 870 nm)
(typ)
S
λ typ
0.62
A / W
Quantum yield of the chip
(λ = 870 nm)
(typ)
η
0.88
Electro
ns
/Photon
Open-circuit voltage
(Ev = 1000 lx, Std. Light A)
(typ (min))
VO
350 (≥ 300)
mV
Short-circuit current
(E
v = 1000 lx, Std. Light A; Diode A)
(typ)
I
SC
38
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com