Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPC20 Datasheet(PDF) 1 Page - Speco Technologies.

Part # ASPC20
Description  6” ABS plastic 20W amplified weatherproof P.A. Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

ASPC20 Datasheet(HTML) 1 Page - Speco Technologies.

  ASPC20 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optional Accessory
Specifications
Frequency Response: 500Hz‒5kHz
3-16 Ohms input impedance
20W max. output audio
Impedance: 8 Ohms
Requires a 10-16VDC (power supply not included)
2A, 3AG fuse
Dimensions: 6” (W) x 6” (H) x 6.25” (L)
Weight: 3 lbs.
Ideal for use with Digital Deterrent® or any other application where significant
cost-savings can be realized by not having a dedicated amplifier.
• 2 year warranty
6” Amplified Weatherproof
P.A. Speaker
ASPC20 6”ABS plastic 20W amplified weatherproof P.A. Speaker
Features
Speco Technologies is constantly developing and improving products.
We reserve the right to modify product design and specifications without notice
and without incurring any obligation. Spec Rev. 2/23/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
PSDC24
12VDC
Power Supply
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - ASPC20

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
ASPC20W SPECO-ASPC20W Datasheet
386Kb / 1P
6” Amplified Weatherproof P.A. Speaker
3/12/24
More results

Similar Description - ASPC20

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5424EFS ROHM-BD5424EFS Datasheet
604Kb / 18P
20W20W Class-D Speaker Amplifier for Analog Input
BD5446EFV ROHM-BD5446EFV Datasheet
747Kb / 31P
20W20W Class-D Speaker Amplifier for Digital Input
logo
ORION FANS
GRM40 ORIONFANS-GRM40 Datasheet
416Kb / 1P
Plastic - reinforced ABS
GRM60 ORIONFANS-GRM60 Datasheet
463Kb / 1P
Plastic - reinforced ABS
GRM80 ORIONFANS-GRM80 Datasheet
450Kb / 1P
Plastic - reinforced ABS
GRM92 ORIONFANS-GRM92 Datasheet
449Kb / 1P
Plastic - reinforced ABS
GRM120 ORIONFANS-GRM120 Datasheet
449Kb / 1P
Plastic - reinforced ABS
GRM172 ORIONFANS-GRM172 Datasheet
460Kb / 1P
Plastic - reinforced ABS
logo
Rohm
BM28720MUV ROHM-BM28720MUV Datasheet
2Mb / 79P
20W20W Full Digital Speaker Amplifier with built-in DSP
logo
Ultralife Corporation.
MRC-165 ULTRALIFE-MRC-165 Datasheet
761Kb / 2P
Amplified Speaker
26 Apr 2010 Rev A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com