Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPC20W Datasheet(PDF) 1 Page - Speco Technologies.

Part # ASPC20W
Description  6” Amplified Weatherproof P.A. Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

ASPC20W Datasheet(HTML) 1 Page - Speco Technologies.

  ASPC20W Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
®
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • www.specotech.com
Speco Technologies is constantly developing and improving products. We reserve the right to modify
product design and specifications without notice and without incurring any obligation. Spec Rev. 3/12/24
ASPC20W
6” ABS plastic 20W amplified weatherproof P.A. Speaker
6” Amplified Weatherproof P.A. Speaker
Specifications
Frequency Response
500Hz-5kHz
Input Impedance
3-16 Ohms
Output Audio
20W max
Impedance
8 Ohms
Requires
10-16VDC (power supply not included)
Fuse
2A, 3AG
Dimensions
6” (W) x 6” (H) x 6.25” (L)
Weight
3 lbs.
Features
• Ideal for use with Digital Deterrent® or any other
application where significant cost-savings can be
realized by not having a dedicated amplifier.
• 2 year warranty
Optional Accessories
PSDC24
12VDC
Power Supply
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - ASPC20W

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
ASPC20 SPECO-ASPC20 Datasheet
275Kb / 1P
6” ABS plastic 20W amplified weatherproof P.A. Speaker
2/23/22
More results

Similar Description - ASPC20W

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PA24 LSTD-PA24 Datasheet
1Mb / 2P
Rugged and weatherproof
PAS69278 LSTD-PAS69278 Datasheet
511Kb / 2P
Weatherproof UV stable radome
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
Amplified antennas
S5151290P12SMF LSTD-S5151290P12SMF Datasheet
526Kb / 1P
UV stable weatherproof radome
OC80271 LSTD-OC80271 Datasheet
1Mb / 2P
Weatherproof UV stable radome
10X10X2-DCE LSTD-10X10X2-DCE Datasheet
2Mb / 2P
Rugged and weatherproof
logo
Ultralife Corporation.
MRC-67 ULTRALIFE-MRC-67 Datasheet
681Kb / 2P
Amplified Speakers
03 JUL 19
MRC-165 ULTRALIFE-MRC-165 Datasheet
761Kb / 2P
Amplified Speaker
26 Apr 2010 Rev A
logo
Littelfuse
SE-IP65CVR-G-SE-330 LITTELFUSE-SE-IP65CVR-G-SE-330 Datasheet
82Kb / 2P
WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
march 2011
SE-IP65CVR-M LITTELFUSE-SE-IP65CVR-M Datasheet
178Kb / 2P
WEATHERPROOF COVER INSTALLATION INSTRUCTIONS
OCTOBER 2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com