Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O2BLP2M Datasheet(PDF) 1 Page - Speco Technologies.

Part # O2BLP2M
Description  Speaker and microphone kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

O2BLP2M Datasheet(HTML) 1 Page - Speco Technologies.

  O2BLP2M Datasheet HTML 1Page - Speco Technologies. O2BLP2M Datasheet HTML 2Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Can be configured with any standard Speco PoE camera
• P.A. speaker amplifies two-way communication making it easier
to be heard
• Microphone can be wall or ceiling mounted
• Microphone is designed for indoor spaces
• 2 year warrenty
• NDAA compliant
•
6” ABS plastic 20W amplified weatherproof speaker
•
Surface mount line level microphone
•
PoE splitter with PoE passthrough to provide
standard PoE camera
AVS01KIT
®
www.specotech.com | 800.645.5516
PoE Splitter Specifications
Ports
1*10/100/1000M RJ45 PoE Input port
1*10/100/1000M RJ45 PoE Output port
1*DC Jack (DC OUT)
PoW Through Data Rate
10/100/1000Mbps
PoE Input
IEEE802.3af/at (30W)
DC Power Output
DC12V 1.2A
IEEE802.3af/at (30W)
IEEE802.3af/at (30W)
Combined Wattage
Max 27 watts (when using 12V DC out and PoE
out simutaneously)
Wattage Consumption of
Operation
Max 3 Watts
Connectors
Shielded RJ-45, EIA568A and 568B
Shielded RJ-45, EIA568A
and 568B
Up to 100m
Microphone Specifications
Range
10-120Sqft
Sensitivitiy
-42dB@1000Hz
S/N
Max 65dB
Operating Voltage
9-12VDC, 25mA (max)
Dimensions
3.4” (W) x 1” (H)
Connection Mode
Red (power), White (RCA audio)
Sensitivitiy Adjustments
On board, access through cutout on back of unit
Speaker Specifications
Frequency Response
500Hz-5kHz
Input Imedance
3-16 Ohms
Output Audio
20W Max
Impdance
8 Ohms
Requires
10-16VDC (powered through PoE splitter)
Fuse
2A, 3AG
Dimensions
6” (W) x 6” (H) x 6.25” (L)
Weight
3 lbs.
2 WAY
AUDIO
READY
Speaker and microphone kit to extend two-way
communication with standard PoE power cameras
IP
Included Connectors
3PC
Three-port connector
2
MC3.5
3.5mm stereo three pole male plug to bare
wire
2
MPP
Male end Power Plug to bare wire
1
FPP
Female end Power Plug to bare wire
1
MRCA
Male RCA to bare wire
1
RCBC
Red crimp connectors
14
QTY


Similar Description - O2BLP2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3000 ETC1-SI3000 Datasheet
1Mb / 36P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
logo
Burr-Brown (TI)
PCM3793 BURR-BROWN-PCM3793 Datasheet
959Kb / 63P
16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Microsemi Corporation
LX7206 MICROSEMI-LX7206 Datasheet
216Kb / 7P
Integrated EMI Filter & ESD Protection for Earpiece Speaker & Microphone Ports
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
Microphone Bias and Microphone Amplifier
logo
Harris Corporation
GPS HARRIS-GPS Datasheet
265Kb / 2P
GPS Speaker Microphone
logo
CUI INC
DEVKIT-ECM-001 CUI-DEVKIT-ECM-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/02/2020
DEVKIT-MEMS-001 CUI-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/06/2020
logo
Skyworks Solutions Inc.
SI3000 SKYWORKS-SI3000 Datasheet
1Mb / 34P
VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
logo
CUI Devices
DEVKIT-ECM-001 CUID-DEVKIT-ECM-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/13/2023
DEVKIT-MEMS-001 CUID-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/13/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com