Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVC637T Datasheet(PDF) 1 Page - Speco Technologies.

Part # CVC637T
Description  HD-TVI 2MP Mini-Bullet Camera
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

CVC637T Datasheet(HTML) 1 Page - Speco Technologies.

  CVC637T Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optional Accessory
•Full HD resolution over coax
•Additional analog output for 960H
•Compact and lightweight for discreet installations
•Full OSD operation via UTC (up the coax)
•IP66 compliant, weather resistant
•5 year warranty
HD-TVI 2MP Mini-Bullet Camera
ONVIF is a trademark of Onvif, Inc. Chrome and Firefox use Java which requires an initial internet connection. Apple and the Apple logo are trademarks of Apple Inc., registered in the U.S. and other countries. App
Store is a service mark of Apple Inc. Android, Google Play and the Google Play logo are trademarks of Google Inc. Speco Technologies is constantly developing and improving products. We reserve the right to modify
product design and specifications without notice and without incurring any obligation. Spec Rev. 2/23/22
TVI
YEAR
ARRANT
PSW5
12VDC
Power Supply
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
Features
Camera Specifications
Image Sensor
1/3” Sony CMOS, 2MP
Resolution
1920 x 1080
Effective Pixels
1984 (H) x 1105 (V)
Total Pixels
2000 (H) x 1121 (V)
Minimum Illumination
0.001 lux
S/N Ratio
More than 50dB
Electronic Shutter
1/30 sec – 1/30,000 sec
Scanning System
Progressive
Syncronization
Internal
Video Output
1.0Vp-p / 75 ohms
TV System
NTSC
Operating Specifications
Power Supply
12VDC (power supply not included)
Power Consumption
200mA
Operation Temperature
14°F - 122°F
Unit Dimensions
1.13” (Dia.) x 2.5” (L)
Unit Weight
4 oz.
Certifications
FCC, RoHS
Signal Distance
up to 1600 ft. (depending on coax quality)
CVC637T
3.6mm fixed lens, dark gray housing
CVC637TW
3.6mm fixed lens, white housing
IP66
TVIUTPPT
HD Video
Transceiver with
Pigtail (Balun)
TVIUPT
HD Video
Transceiver
*Products are in compliance with NDAA Section 889 Part B Guidelines


Similar Part No. - CVC637T

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
CVC605CMT1 SPECO-CVC605CMT1 Datasheet
519Kb / 1P
HD-TVI Multi-Format Intensifier®Corner Mount Camera
1/3/24
CVC607CMT SPECO-CVC607CMT Datasheet
481Kb / 1P
HD-TVI Vandal Resistant Corner Mount Color Camera
1/3/24
CVC617T SPECO-CVC617T Datasheet
374Kb / 1P
HD-TVI IR Bullet Camera
2/23/22
CVC620WPT SPECO-CVC620WPT Datasheet
422Kb / 1P
HD-TVI Waterproof Color Camera with 30 ft. Cable
2/23/22
CVC6246T SPECO-CVC6246T Datasheet
526Kb / 1P
HD-TVI 2MP Intensifier® T Indoor Dome Camera
2/23/22
More results

Similar Description - CVC637T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
Quad 2MP Camera Hub FPD-Link III Deserializer
logo
A1 PROs co., Ltd.
AH232Z A1PROS-AH232Z Datasheet
164Kb / 2P
2.1Mega pixel HD SDI Camera
AH242T A1PROS-AH242T Datasheet
225Kb / 2P
2.1Mega pixel TVI Camera
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
Full-HD IP Camera SoC
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
logo
Advantech Co., Ltd.
DVP-7036HE ADVANTECH-DVP-7036HE Datasheet
457Kb / 2P
4-ch Full HD TVI Mini-PCIe Video Capture Card with SDK
15-Jun-2022
logo
Honeywell Solid State E...
H4W2PER2V HONEYWELL-H4W2PER2V Datasheet
562Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
H4W2PER3V HONEYWELL-H4W2PER3V Datasheet
561Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
HBW4PER1V HONEYWELL-HBW4PER1V Datasheet
526Kb / 2P
Network WDR 4 MP IR Bullet Camera
HBW4PER2V HONEYWELL-HBW4PER2V Datasheet
710Kb / 2P
Network WDR 4MP IR Bullet Camera
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com