Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVC675T Datasheet(PDF) 1 Page - Speco Technologies.

Part # CVC675T
Description  HD-TVI 2MP In-Wall Camera
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

CVC675T Datasheet(HTML) 1 Page - Speco Technologies.

  CVC675T Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
YEAR
ARRANT
HD
TVI HD-TVI 2MP In-Wall Camera
Features
CVC675T
3.6mm lens
• Fits into a single gang electrical box (included)
• Brushed stainless steel faceplate
• Full HD 1080p @ 30fps
• Additional 960H analog output
• 12VDC operation
• 5 year warranty
Specifications
Image Sensor
1/3” Progressive Scan CMOS, 2MP
Resolution
1920 x 1080
Effective Pixels
1984 (H) x 1105 (V)
Scanning System
Progressive
Angle of View
Horizontal: 72° / Vertical: 53°
Electronic Shutter Speed
Auto: 1/30 sec. - 1/30,000 sec.
Video S/N Ratio
Greater than 50dB
Video Output Level
1.0Vp-p / 75 ohms
Power Consumption
200mA
Power Supply
12VDC (power supply not included)
Operating Temperature
14° F - 122° F / within 90% RH
Housing
Stainless steel
Dimensions
2.75” (W) x 4.25” (H) x 2.75” (L)
Weight
3.45 oz.
Communication
UTC
*Products are in compliance with NDAA Section 889 Part B Guidelines
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • www.specotech.com
Speco Technologies is constantly developing and improving products. We reserve the right to modify
product design and specifications without notice and without incurring any obligation. Spec Rev. 1/3/24
®
Optional Accessories
PSW5
12VDC
Power Supply
O5E1*
IP Encoder
*converts analog to
Speco Blue IP camera
2.75” W


Similar Part No. - CVC675T

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
CVC605CMT1 SPECO-CVC605CMT1 Datasheet
519Kb / 1P
HD-TVI Multi-Format Intensifier®Corner Mount Camera
1/3/24
CVC607CMT SPECO-CVC607CMT Datasheet
481Kb / 1P
HD-TVI Vandal Resistant Corner Mount Color Camera
1/3/24
CVC617T SPECO-CVC617T Datasheet
374Kb / 1P
HD-TVI IR Bullet Camera
2/23/22
CVC620WPT SPECO-CVC620WPT Datasheet
422Kb / 1P
HD-TVI Waterproof Color Camera with 30 ft. Cable
2/23/22
CVC6246T SPECO-CVC6246T Datasheet
526Kb / 1P
HD-TVI 2MP Intensifier® T Indoor Dome Camera
2/23/22
More results

Similar Description - CVC675T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
Quad 2MP Camera Hub FPD-Link III Deserializer
logo
A1 PROs co., Ltd.
AH232Z A1PROS-AH232Z Datasheet
164Kb / 2P
2.1Mega pixel HD SDI Camera
AH242T A1PROS-AH242T Datasheet
225Kb / 2P
2.1Mega pixel TVI Camera
AH247VP A1PROS-AH247VP Datasheet
174Kb / 2P
2.1Mega pixel HD-SDI Camera
AP242S A1PROS-AP242S Datasheet
730Kb / 4P
2Megapixel Full HD Network Camera Module
logo
Willow Technologies Ltd
PAC7512 WILLOW-PAC7512 Datasheet
139Kb / 1P
HD-720p USB 2.0 Camera SoC
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
Full-HD IP Camera SoC
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
logo
Honeywell Solid State E...
H4W2PER2V HONEYWELL-H4W2PER2V Datasheet
562Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
H4W2PER3V HONEYWELL-H4W2PER3V Datasheet
561Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com